Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN5416 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN5416
Description  HEX INVERTER BUFFERS/DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN5416 Datasheet(HTML) 2 Page - Texas Instruments

  SN5416 Datasheet HTML 1Page - Texas Instruments SN5416 Datasheet HTML 2Page - Texas Instruments SN5416 Datasheet HTML 3Page - Texas Instruments SN5416 Datasheet HTML 4Page - Texas Instruments SN5416 Datasheet HTML 5Page - Texas Instruments SN5416 Datasheet HTML 6Page - Texas Instruments SN5416 Datasheet HTML 7Page - Texas Instruments SN5416 Datasheet HTML 8Page - Texas Instruments SN5416 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN5406, SN5416, SN7406, SN7416
HEX INVERTER BUFFERS/DRIVERS
WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SDLS031A – DECEMBER 1983 – REVISED DECEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
1
3
5
9
11
13
2
4
6
8
10
12
Y = A
schematic (each buffer/driver)
Resistor values shown are nominal.
6 k
Input A
Output Y
GND
VCC
1.4 k
1.6 k
100
1 k
2 k
’06, ’16
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (see Notes 1 and 2): SN5406, SN7406
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN5416, SN7416
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect to network ground terminal.
2. This is the maximum voltage which should be applied to any output when it is in the off state.
3. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN5416

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5416 TI-SN5416 Datasheet
140Kb / 7P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN5416 TI-SN5416 Datasheet
614Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN5416 TI-SN5416 Datasheet
1Mb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
More results

Similar Description - SN5416

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC06A TI-SN54LVC06A Datasheet
121Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI1-SN54LV06A_16 Datasheet
1,017Kb / 23P
[Old version datasheet]   Hex Inverter Buffers/Drivers With Open-Drain Outputs
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
U74LVC06A UTC-U74LVC06A_15 Datasheet
164Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LV06A TI-SN74LV06A_10 Datasheet
568Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI-SN54LV06A_07 Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com