Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBI5016CP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MBI5016CP
Description  16-bit Constant Current LED Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBI5016CP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MBI5016CP Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5016CP Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5016CP Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5016CP Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5016CP Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5016CP Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5016CP Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5016CP Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5016CP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MBI5016
16-bit Constant Current LED Sink Driver
May 2003, V1.6
- 6 -
Electrical Characteristics
CHRACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
“H” level
VIH
-
0.7VDD
-
VDD
V
Input
Voltage
“L” level
VIL
-
GND
-
0.3VDD
Output Leakage Current
IOH
VOH=17.0V
-
-
10
μA
VOL
IOL=+1.0mA
-
-
0.4
V
Output
Voltage
SDO
VOH
IOH=-1.0mA
4.6
-
-
V
Output Current 1
IOUT1
VCE=0.8V
Rext = 865 Ω
(Include Skew)
-
40.0
-
mA
Current Skew
dIOUT1
IOL=40mA
VCE=0.8V
Rext = 865 Ω
-
±1.5
±6.0
%
Output Current 2
IOUT2
VCE=1.2V
Rext = 330 Ω
(Include Skew)
-
80.0
-
mA
Current Skew
dIOUT2
IOL=80mA
VCE=1.2V
Rext = 330 Ω
-
±1.5
±6.0
%
Pull-up Resistor
RIN(up)
-
150
300
600
Pull-down Resistor
RIN(down)
-
85
200
400
IDD(off) 1
Rext = OPEN, OUT0~15=Off
-
0.1
1.0
IDD(off) 2
Rext = 865 Ω, OUT0~15=Off
0.1
0.2
1.0
“OFF”
IDD(off) 3
Rext = 330 Ω, OUT0~15=Off
0.1
0.2
1.0
IDD(on) 1
Rext = 865 Ω, OUT0~15=On
10
16
22
Supply
Current
“ON”
IDD(on) 2
Rext = 330 Ω, OUT0~15=On
18
24.3
38.5
mA
Test Circuit for Electrical Characteristic
OE
/
CLK
LE
/
SDI
DD
V
EXT
-
R
GND
SDO
0
OUT
15
OUT
..
..
DD
I
OUT
I
ref
I
IL
IH,
V
V
IL
IH,
I
I
IOL


Similar Part No. - MBI5016CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5016CP ETC1-MBI5016CP Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
MBI5016CP ETC2-MBI5016CP Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
More results

Similar Description - MBI5016CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
   16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com