Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1101LLHLT-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1101LLHLT-T
Description  Continuous-Time Switch Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1101LLHLT-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1101LLHLT-T Datasheet HTML 1Page - Allegro MicroSystems A1101LLHLT-T Datasheet HTML 2Page - Allegro MicroSystems A1101LLHLT-T Datasheet HTML 3Page - Allegro MicroSystems A1101LLHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1101LLHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1101LLHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1101LLHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1101LLHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1101LLHLT-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
The AllegroA1101-A1104 and A1106 Hall-effect switches
are next generation replacements for the popular Allegro
312x and 314x lines of unipolar switches. The A110x family,
produced with BiCMOS technology, consists of devices that
feature fast power-on time and low-noise operation. Device
programmingisperformedafterpackaging,toensureincreased
switchpointaccuracybyeliminatingoffsetsthatcanbeinduced
by package stress. Unique Hall element geometries and low-
offset amplifiers help to minimize noise and to reduce the
residualoffsetvoltagenormallycausedbydeviceovermolding,
temperature excursions, and thermal stress.
The A1101-A1104 and A1106 Hall-effect switches include
the following on a single silicon chip: voltage regulator, Hall-
voltage generator, small-signal amplifier, Schmitt trigger, and
NMOS output transistor. The integrated voltage regulator
permits operation from 3.8 to 24 V. The extensive on-board
protectioncircuitrymakespossiblea±30Vabsolutemaximum
voltage rating for superior protection in automotive and
industrial motor commutation applications, without adding
external components. All devices in the family are identical
except for magnetic switchpoint levels.
The small geometries of the BiCMOS process allow these
devices to be provided in ultrasmall packages. The package
styles available provide magnetically optimized solutions for
mostapplications.PackageLHisanSOT23W,aminiaturelow-
profilesurface-mountpackage,whilepackageUAisathree-lead
ultramini SIPfor through-hole mounting. Each package is lead
(Pb) free, with 100% matte-tin-plated leadframes.
A1101-DS, Rev. 16
• AEC-Q100 automotive qualified
• Continuous-time operation
□ Fast power-on time
□ Low noise
• Stable operation over full operating temperature range
• Reverse battery protection
• Solid-state reliability
• Factory-programmed at end-of-line for optimum
performance
• Robust EMC performance
• High ESD rating
• Regulator stability without a bypass capacitor
Continuous-Time Switch Family
Packages:
Functional Block Diagram
Not to scale
A1101, A1102, A1103, A1104, and A1106
Amp
Regulator
GND
VCC
VOUT
Offset
Gain
Trim
Control
To all subcircuits
LH: A1101, A1102,
A1103, A1104, and
A1106
UA: A1101,
A1102, A1103,
and A1104
UA: A1106
FEATURES AND BENEFITS
DESCRIPTION
3-pin SIP (suffix UA)
3-pin SOT23W (suffix LH)


Similar Part No. - A1101LLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1101LLHLT-T ALLEGRO-A1101LLHLT-T Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1101LLHLT-T ALLEGRO-A1101LLHLT-T Datasheet
303Kb / 12P
   Continuous-Time Switch
More results

Similar Description - A1101LLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com