Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1101LUA-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1101LUA-T
Description  Continuous-Time Switch Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1101LUA-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1101LUA-T Datasheet HTML 5Page - Allegro MicroSystems A1101LUA-T Datasheet HTML 6Page - Allegro MicroSystems A1101LUA-T Datasheet HTML 7Page - Allegro MicroSystems A1101LUA-T Datasheet HTML 8Page - Allegro MicroSystems A1101LUA-T Datasheet HTML 9Page - Allegro MicroSystems A1101LUA-T Datasheet HTML 10Page - Allegro MicroSystems A1101LUA-T Datasheet HTML 11Page - Allegro MicroSystems A1101LUA-T Datasheet HTML 12Page - Allegro MicroSystems A1101LUA-T Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Continuous-Time Switch Family
A1101, A1102, A1103,
A1104, and A1106
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 3: Package LH, 3-Pin (SOT-23W)
A
B
C
D
C
For Reference Only –Not for Tooling Use
(Reference DWG-2840)
Dimensions in millimeters –NOT TO SCALE
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Reference land pattern layout; all pads a minimum of 0.20 mm from all adjacent pads;
adjust as necessary to meet application process requirements and PCB layout tolerances
Active Area Depth, 0.28 mm
Hall elements, not to scale
=Temperature Code (Letter)
T
Standard Branding Reference View
NNT
Branding scale and appearance at supplier discretion
Seating Plane
Gauge Plane
PCB Layout Reference View
0.55 REF
0.25 BSC
0.95 BSC
0.95
1.00
0.70
2.40
2
1
B
A
Branded Face
2.90
+0.10
–0.20
4° ±4°
8X 10°
REF
0.180
+0.020
–0.053
0.05
+0.10
–0.05
0.25 MIN
1.91
+0.19
–0.06
2.98 +0.12
–0.08
1.00 ±0.13
0.40 ±0.10
D
D
D
1.49
0.96
3
= Last three digits of device part number
N
NNN
= Last three digits of device part number
N
A1101, A1102,
A1103, A1104,
and A1106
A1101, A1102,
A1103, A1104,
and A1106
CUSTOMER PACKAGE DRAWING


Similar Part No. - A1101LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1101LUA-T ALLEGRO-A1101LUA-T Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1101LUA-T ALLEGRO-A1101LUA-T Datasheet
303Kb / 12P
   Continuous-Time Switch
More results

Similar Description - A1101LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com