Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1230 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1230
Description  Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1230 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1230_16 Datasheet HTML 4Page - Allegro MicroSystems A1230_16 Datasheet HTML 5Page - Allegro MicroSystems A1230_16 Datasheet HTML 6Page - Allegro MicroSystems A1230_16 Datasheet HTML 7Page - Allegro MicroSystems A1230_16 Datasheet HTML 8Page - Allegro MicroSystems A1230_16 Datasheet HTML 9Page - Allegro MicroSystems A1230_16 Datasheet HTML 10Page - Allegro MicroSystems A1230_16 Datasheet HTML 11Page - Allegro MicroSystems A1230_16 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Ultra-Sensitive Dual-Channel Quadrature
Hall-Effect Bipolar Switch
A1230
8
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0
5
10
15
20
- 40
25
150
- 40
25
150
5.0
10.0
15.0
20.0
25.0
30.0
35.0
-50
0
50
100
150
200
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
-50
0
50
100
150
200
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0
5
10
15
20
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
-50
0
50
100
150
200
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0
5
10
15
20
TA (°C)
TA (°C)
- 40
25
150
- 40
25
150
BOP
BRP
- 40
25
150
- 40
25
150
3.3
18
3.3
18
BOP
BRP
VCC (V)
3.3
18
3.3
18
BOP
BRP
VCC (V)
3.3
18
3.3
18
VCC (V)
BOP
BRP
TA (°C)
Ch. A
Ch. B
Temperature (°C)
VCC (V)
Temperature (°C)
Channel A, BOP and BRP
VCC (V)
Channel B, BOP and BRP
Channel B, BOP and BRP
Channels A and B, BHYS(A) and BHYS(B)
Channels A and B, BHYS(A) and BHYS(B)
VCC (V)
Temperature (°C)
Channel A, BOP and BRP
Ch. A
Ch. B
Magnetic Operating Characteristics
Additional magnetic characteristics on next page


Similar Part No. - A1230_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1230LK-T ALLEGRO-A1230LK-T Datasheet
392Kb / 16P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230LLTR-T ALLEGRO-A1230LLTR-T Datasheet
392Kb / 16P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
More results

Similar Description - A1230_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3425 ALLEGRO-A3425 Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230 Datasheet
392Kb / 16P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A3425 ALLEGRO-A3425_06 Datasheet
495Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
3425 ALLEGRO-3425 Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
A3132 ALLEGRO-A3132 Datasheet
122Kb / 6P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
3132 ALLEGRO-3132 Datasheet
163Kb / 8P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
logo
Major-Power Technology ...
MA7002 MPOWER-MA7002 Datasheet
175Kb / 2P
   Ultra-sensitive Hall Effect Switch
Rev.1.2
logo
Diodes Incorporated
AH1389 DIODES-AH1389 Datasheet
528Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
AH1388 DIODES-AH1388 Datasheet
469Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
May 2020 Rev. 1 - 2
AH1390 DIODES-AH1390 Datasheet
499Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com