Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1221LUA-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1221LUA-T
Description  Chopper-Stabilized Precision Hall-Effect Latches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1221LUA-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1221LUA-T Datasheet HTML 1Page - Allegro MicroSystems A1221LUA-T Datasheet HTML 2Page - Allegro MicroSystems A1221LUA-T Datasheet HTML 3Page - Allegro MicroSystems A1221LUA-T Datasheet HTML 4Page - Allegro MicroSystems A1221LUA-T Datasheet HTML 5Page - Allegro MicroSystems A1221LUA-T Datasheet HTML 6Page - Allegro MicroSystems A1221LUA-T Datasheet HTML 7Page - Allegro MicroSystems A1221LUA-T Datasheet HTML 8Page - Allegro MicroSystems A1221LUA-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Chopper-Stabilized Precision Hall-Effect Latches
A1220, A1221,
A1222, and A1223
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions
Value Units
Package Thermal Resistance
RθJA
Package LH, 1-layer PCB with copper limited to solder pads
228
ºC/W
Package LH, 2-layer PCB with 0.463 in.2 of copper area each
side connected by thermal vias
110
ºC/W
Package UA, 1-layer PCB with copper limited to solder pads
165
ºC/W
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
Temperature (ºC)
TJ(max) = 165ºC; ICC = ICC(max)
Power Derating Curve
(RθJA = 228 ºC/W)
Package LH, 1-layer PCB
(RθJA = 110 ºC/W)
Package LH, 2-layer PCB
(RθJA = 165 ºC/W)
Package UA, 1-layer PCB
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
θJA = 165
ºC/W)
Packa
ge UA
, 1-laye
r PCB
(R
θJA
= 228 ºC
/W)
Package
LH, 1-lay
er PCB
(R
θJA = 1
10 ºC
/W)
Pack
age
LH,
2-lay
er P
CB


Similar Part No. - A1221LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1221LUA-T ALLEGRO-A1221LUA-T Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A1221LUA-T ALLEGRO-A1221LUA-T Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1221LUA-T ALLEGRO-A1221LUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
More results

Similar Description - A1221LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com