Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHCT32A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHCT32A
Description  QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT32A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHCT32A Datasheet HTML 1Page - ON Semiconductor MC74VHCT32A Datasheet HTML 2Page - ON Semiconductor MC74VHCT32A Datasheet HTML 3Page - ON Semiconductor MC74VHCT32A Datasheet HTML 4Page - ON Semiconductor MC74VHCT32A Datasheet HTML 5Page - ON Semiconductor MC74VHCT32A Datasheet HTML 6Page - ON Semiconductor MC74VHCT32A Datasheet HTML 7Page - ON Semiconductor MC74VHCT32A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74VHCT32A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
TA ≤ 125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
3.0
4.5
5.5
1.2
2.0
2.0
1.2
2.0
2.0
1.2
2.0
2.0
V
VIL
Maximum Low–Level
Input Voltage
3.0
4.5
5.5
0.53
0.8
0.8
0.53
0.8
0.8
0.53
0.8
0.8
V
VOH
Minimum High–Level
Output Voltage
VIN = VIH or VIL
IOH = –50µA
3.0
4.5
2.9
4.4
3.0
4.5
2.9
4.4
2.9
4.4
V
VIN = VIH or VIL
VIN = VIH or VIL
IOH = –4mA
IOH = –8mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
V
VOL
Maximum Low–Level
Output Voltage
VIN = VIH or VIL
IOL = 50µA
3.0
4.5
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 4mA
IOL = 8mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
V
IIN
Maximum Input
Leakage Current
VIN = 5.5V or GND
0 to
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
2.0
20
40
µA
ICCT
Quiescent Supply
Current
Input: VIN = 3.4V
5.5
1.35
1.50
1.65
mA
IOPD
Output Leakage
Current
VOUT = 5.5V
0.0
0.5
5.0
10
µA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
TA = 25°C
TA = – 40 to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation
Delay, A or B to Y
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
5.5
8.0
7.9
11.4
1.0
1.0
9.5
13.0
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
3.8
5.3
5.5
7.5
1.0
1.0
6.5
8.5
Cin
Maximum Input Capacitance
4
10
10
pF
Typical @ 25
°C, VCC = 5.0V
CPD
Power Dissipation Capacitance (Note 1.)
22
pF
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 4 (per gate). CPD is used to determine the
no–load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
Figure 1. Switching Waveforms
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 2. Test Circuit
GND
tPHL
Y
A
tPLH
1.5V
1.5V
3V
VOL
VOH


Similar Part No. - MC74VHCT32A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
129Kb / 7P
   Quad 2-Input OR Gate CMOS Logic Level Shifter
January, 2019 ??Rev. 5
MC74VHCT32ADR2G ONSEMI-MC74VHCT32ADR2G Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
MC74VHCT32ADR2G ONSEMI-MC74VHCT32ADR2G Datasheet
129Kb / 7P
   Quad 2-Input OR Gate CMOS Logic Level Shifter
January, 2019 ??Rev. 5
MC74VHCT32ADTR2G ONSEMI-MC74VHCT32ADTR2G Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
More results

Similar Description - MC74VHCT32A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT32A ONSEMI-MC74VHCT32A_19 Datasheet
129Kb / 7P
   Quad 2-Input OR Gate CMOS Logic Level Shifter
January, 2019 ??Rev. 5
MC74VHCT32A ONSEMI-MC74VHCT32A_11 Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
MC74VHC1GT32DFT1G ONSEMI-MC74VHC1GT32DFT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
NL17SHT32 ONSEMI-NL17SHT32 Datasheet
104Kb / 5P
   2-Input OR Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
logo
Renesas Technology Corp
HD74LV1GT32A RENESAS-HD74LV1GT32A Datasheet
101Kb / 7P
   2-input OR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT32DF1G ONSEMI-MC74VHC1GT32DF1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
MC74VHC1GT32 ONSEMI-MC74VHC1GT32 Datasheet
89Kb / 8P
   2-Input OR Gate/CMOS Logic Level Shifter
November, 2001 ??Rev. 4
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
190Kb / 8P
   2-Input Exclusive OR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GT86A RENESAS-HD74LV1GT86A Datasheet
104Kb / 7P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT86 LRC-L74VHC1GT86 Datasheet
395Kb / 6P
   2-Input Exclusive OR Gate - CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com