Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1123LUA-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1123LUA-T
Description  Chopper-Stabilized Precision Hall-Effect Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1123LUA-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1123LUA-T Datasheet HTML 7Page - Allegro MicroSystems A1123LUA-T Datasheet HTML 8Page - Allegro MicroSystems A1123LUA-T Datasheet HTML 9Page - Allegro MicroSystems A1123LUA-T Datasheet HTML 10Page - Allegro MicroSystems A1123LUA-T Datasheet HTML 11Page - Allegro MicroSystems A1123LUA-T Datasheet HTML 12Page - Allegro MicroSystems A1123LUA-T Datasheet HTML 13Page - Allegro MicroSystems A1123LUA-T Datasheet HTML 14Page - Allegro MicroSystems A1123LUA-T Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Chopper-Stabilized Precision Hall-Effect Switches
A1120, A1121, A1122,
A1123, and A1125
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
A1123 Magnetic Characteristics
355
350
305
280
255
230
205
355
350
305
280
255
230
205
-60 -40 -20
0
20
40
60
80 100 120 140 160
-60 -40 -20
0
20
40
60
80 100 120 140 160
-60 -40 -20
0
20
40
60
80 100 120 140 160
2
6
10
14
18
22
26
2
6
10
14
18
22
26
2
6
10
14
18
22
26
300
275
250
225
200
175
150
300
275
250
225
200
175
150
80
75
70
65
60
55
50
45
40
35
30
80
75
70
65
60
55
50
45
40
35
30
Average Operate Point versus Average Supply Voltage
Average Operate Point versus Ambient Temperature
Average Release Point versus Average Supply Voltage
Average Release Point versus Ambient Temperature
Average Switchpoint Hysteresis versus Supply Voltage
Average Switchpoint Hysteresis versus Ambient Temperature
TA (°C)
VCC (V)
TA (°C)
VCC (V)
TA (°C)
VCC (V)
TA (°C)
–40
25
150
TA (°C)
–40
25
150
TA (°C)
–40
25
150
TA (°C)
3
12
24
TA (°C)
3
12
24
TA (°C)
3
12
24


Similar Part No. - A1123LUA-T

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A1123RW MPD-A1123RW Datasheet
171Kb / 2P
   Miniature, 10W DIP Single & Dual Output DC/DC Converters
More results

Similar Description - A1123LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
1120 ALLEGRO-1120_V12 Datasheet
345Kb / 14P
   Chopper Stabilized Precision Hall Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245 ALLEGRO-A3245_06 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com