Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1356LKB-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1356LKB-T
Description  High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1356LKB-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1356LKB-T Datasheet HTML 5Page - Allegro MicroSystems A1356LKB-T Datasheet HTML 6Page - Allegro MicroSystems A1356LKB-T Datasheet HTML 7Page - Allegro MicroSystems A1356LKB-T Datasheet HTML 8Page - Allegro MicroSystems A1356LKB-T Datasheet HTML 9Page - Allegro MicroSystems A1356LKB-T Datasheet HTML 10Page - Allegro MicroSystems A1356LKB-T Datasheet HTML 11Page - Allegro MicroSystems A1356LKB-T Datasheet HTML 12Page - Allegro MicroSystems A1356LKB-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
High Precision Linear Hall-Effect Sensor IC
With an Open Drain Pulse Width Modulated Output
A1356
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Quiescent Duty Cycle Output Programming Resolution
The programming resolution for any device is half of its pro-
gramming step size. Therefore, the typical programming resolu-
tion will be:
ErrPGD(Q)(typ) = 0.5 × StepD(Q)(typ)
.
(2)
Quiescent Duty Cycle Output Drift through Tempera-
ture Range
Due to internal component tolerances and thermal
considerations, the quiescent Duty Cycle Temperature Coeffi-
cient, DTC(Q), may drift from its nominal value over the operat-
ing ambient temperature, TA. For purposes of specification, the
Quiescent Duty Cycle Output Drift Through Temperature Range,
∆D(Q) (% D), is defined as:
D(Q)(TA) – D(Q)(25°C)
∆D(Q) =
,
(3)
where D(Q)(TA) is the quiescent duty cycle measured at TA and is
D(Q)(25°C) quiescent duty cycle measured at 25°C.
Sensitivity
The presence of a south polarity magnetic field,
perpendicular to the branded surface of the package face,
increases the output duty cycle from its quiescent value toward
the maximum duty cycle limit. The amount of the output duty
cycle increase is proportional to the magnitude of the magnetic
field applied. Conversely, the application of a north polarity
field decreases the output duty cycle from its quiescent value.
This proportionality is specified as the magnetic sensitivity,
Sens ((% D)/G), of the device, and it is defined for bipolar
devices as:
D(BPOS) – D(BNEG)
BPOS – BNEG
Sens =
,
(4)
and for unipolar devices as:
D(BPOS) – D(Q)
BPOS
Sens =
,
(5)
where BPOS and BNEG are two magnetic fields with opposite
polarities.
Guaranteed Sensitivity Range
The magnetic sensitivity,
Sens, can be programmed around its nominal value within the
sensitivity range limits: Sens(min) and Sens(max). Refer to the
Guaranteed Quiescent Duty Cycle Output Range section for a
conceptual explanation of how value distributions and ranges are
related.
Average Sensitivity Step Size
Refer to the Average Qui-
escent Duty Cycle Output Step Size section for a conceptual
explanation.
Sensitivity Programming Resolution
Refer to the Quies-
cent Duty Cycle Output Programming Resolution section for a
conceptual explanation.
Carrier Frequency Target
The PWM output signal Carrier
Frequency Programming Range, fPWM, can be programmed to its
nominal value of 2 kHz.
Average Carrier Frequency Step Size
Refer to the Average
Quiescent Duty Cycle Output Step Size section for a conceptual
explanation.
Carrier Frequency Programming Resolution
Refer to the
Quiescent Duty Cycle Output Programming Resolution section
for a conceptual explanation.
Sensitivity Temperature Coefficient
Device sensitivity
changes as temperature changes, with respect to its programmed
sensitivity temperature coefficient, SENSTC. SENSTC is pro-
grammed at 150°C, and calculated relative to the nominal
sensitivity programming temperature of 25°C. SENSTC (%/°C) is
defined as:
SensT2 – SensT1
SensT1
T2–T1
1
SensTC =
×100%
,




(6)
where T1 is the nominal Sens programming temperature of
25°C, and T2 is the programming temperature of 150°C. The
expected value of Sens over the full ambient temperature range,
SensEXPECTED(TA), is defined as:
SensT1× [100% +SensTC (TA –T1)]
SensEXPECTED(TA) =
.
100 %
(7)
SensEXPECTED (TA) should be calculated using the actual measured
values of SensT1 and SENSTC rather than programming target
values.
Sensitivity Drift Through Temperature Range
Sec-
ond order sensitivity temperature coefficient effects cause the
magnetic sensitivity, Sens, to drift from its expected value over
the operating ambient temperature range, TA. For purposes of
specification, the Sensitivity Drift Through Temperature Range,
∆SensTC, is defined as:
SensTA – SensEXPECTED(TA)
SensEXPECTED(TA)
∆SensTC =
×100% .
(8)
Sensitivity Drift Due to Package Hysteresis
Package
stress and relaxation can cause the device sensitivity at TA = 25°C
to change during and after temperature cycling.


Similar Part No. - A1356LKB-T

ManufacturerPart #DatasheetDescription
logo
EPCOS
A1356 EPCOS-A1356 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
More results

Similar Description - A1356LKB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
A1357 ALLEGRO-A1357 Datasheet
423Kb / 20P
   Two-Wire High Precision Linear Hall-Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
logo
Winson Semiconductor Co...
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
   Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
   Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
   Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
   Linear Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com