Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1106LUA-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1106LUA-T
Description  Continuous-Time Switch Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1106LUA-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1106LUA-T Datasheet HTML 5Page - Allegro MicroSystems A1106LUA-T Datasheet HTML 6Page - Allegro MicroSystems A1106LUA-T Datasheet HTML 7Page - Allegro MicroSystems A1106LUA-T Datasheet HTML 8Page - Allegro MicroSystems A1106LUA-T Datasheet HTML 9Page - Allegro MicroSystems A1106LUA-T Datasheet HTML 10Page - Allegro MicroSystems A1106LUA-T Datasheet HTML 11Page - Allegro MicroSystems A1106LUA-T Datasheet HTML 12Page - Allegro MicroSystems A1106LUA-T Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Continuous-Time Switch Family
A1101, A1102, A1103,
A1104, and A1106
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
For Reference Only – Not for Tooling Use
(Reference DWG-9049)
Dimensions in millimeters – NOT TO SCALE
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
23
1
1.27 NOM
2.16 MAX
0.51 REF
0.79 REF
B
A
B
C
A
D
E
D
E
E
2.04
1.44 E
Branding scale and appearance at supplier discretion
Hall element, not to scale
Mold Ejector
Pin Indent
Branded
Face
4.09
+0.08
–0.05
0.41
+0.03
–0.06
3.02
+0.08
–0.05
0.43
+0.05
–0.07
15.75 ±0.25
Dambar removal protrusion (6X)
Gate and tie bar burr area
Active Area Depth, 0.50 mm REF
NNT
Standard Branding Reference View
= Supplier emblem
= Last three digits of device part number
=Temperature code
N
45°
C
45°
2 X 10°
1.52 ±0.05
1
T
Figure 4: Package UA, 3-Pin SIP
(A1101, A1102, A1103, and A1104)


Similar Part No. - A1106LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1106LUA-T ALLEGRO-A1106LUA-T Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1106LUA-T ALLEGRO-A1106LUA-T Datasheet
303Kb / 12P
   Continuous-Time Switch
More results

Similar Description - A1106LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com