Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1363LU Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1363LU
Description  Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1363LU Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1363LU Datasheet HTML 1Page - Allegro MicroSystems A1363LU Datasheet HTML 2Page - Allegro MicroSystems A1363LU Datasheet HTML 3Page - Allegro MicroSystems A1363LU Datasheet HTML 4Page - Allegro MicroSystems A1363LU Datasheet HTML 5Page - Allegro MicroSystems A1363LU Datasheet HTML 6Page - Allegro MicroSystems A1363LU Datasheet HTML 7Page - Allegro MicroSystems A1363LU Datasheet HTML 8Page - Allegro MicroSystems A1363LU Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
With Advanced Temperature Compensation
And High Bandwidth (120 kHz) Analog Output
A1363LU
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Continued on the next page…
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
Output Characteristics (continued)
Noise5
VN
TA = 25°C, CL = 1 nF, BWf = BWi
1.1
mGRMS/√¯(Hz)
TA = 25°C, CL = 1 nF, Sens = 2 mV/G,
BWf = BWi
6.3
mVp-p
TA = 25°C, CL = 1 nF, Sens = 2 mV/G,
BWf = BWi
1
mVRMS
DC Output Resistance
ROUT
TA = 25°C, VOUT = 2.5 V
<1
Ω
Output Load Resistance
RL(PULLUP) VOUT to VCC
4.7
RL(PULLDWN) VOUT to GND
4.7
Output Load Capacitance6
CL
VOUT to GND
1
10
nF
Output Slew Rate7
SR
Sens = 2 mV/G, CL = 1 nF
230
V/ms
Quiescent Voltage Output (VOUT(Q))2
Initial Unprogrammed Quiescent
Voltage Output2,8
VOUT(Q)init
TA = 25°C
2.4
2.5
2.6
V
Quiescent Voltage Output
Programming Range2,4,9
VOUT(Q)PR TA = 25°C
2.3
2.7
V
Quiescent Voltage Output
Programming Bits10
QVO
9
bit
Average Quiescent Voltage Output
Programming Step Size2,11,12
StepVOUT(Q) TA = 25°C
1.9
2.3
2.8
mV
Quiescent Voltage Output
Programming Resolution2,13
ErrPGVOUT(Q) TA = 25°C
±0.5 ×
StepVOUT(Q)
mV
Sensitivity (Sens)2
Initial Unprogrammed Sensitivity8
Sensinit
SENS_COARSE = 00, TA = 25°C
1
mV/G
SENS_COARSE = 01, TA = 25°C
2.2
mV/G
SENS_COARSE = 10, TA = 25°C
4.7
mV/G
SENS_COARSE = 11, TA = 25°C
9.6
mV/G
Sensitivity Programming Range4,9
SensPR
SENS_COARSE = 00, TA = 25°C
0.6
1.3
mV/G
SENS_COARSE = 01, TA = 25°C
1.3
2.9
mV/G
SENS_COARSE = 10, TA = 25°C
2.9
6.4
mV/G
SENS_COARSE = 11, TA = 25°C
6.4
14
mV/G
OPERATING CHARACTERISTICS (continued): valid through the full operating temperature range, TA, CBYPASS = 0.1 µF,
VCC = 5 V; unless otherwise specified


Similar Part No. - A1363LU

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1363LKTTN-1-T ALLEGRO-A1363LKTTN-1-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-10-T ALLEGRO-A1363LKTTN-10-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-2-T ALLEGRO-A1363LKTTN-2-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-5-T ALLEGRO-A1363LKTTN-5-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1363LU

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1365 ALLEGRO-A1365 Datasheet
996Kb / 32P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1367 ALLEGRO-A1367 Datasheet
845Kb / 27P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
   Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
   Highly Programmable Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com