Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1391 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1391
Description  Micro Power 3 V Linear Hall Effect Sensor ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1391 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1391_16 Datasheet HTML 7Page - Allegro MicroSystems A1391_16 Datasheet HTML 8Page - Allegro MicroSystems A1391_16 Datasheet HTML 9Page - Allegro MicroSystems A1391_16 Datasheet HTML 10Page - Allegro MicroSystems A1391_16 Datasheet HTML 11Page - Allegro MicroSystems A1391_16 Datasheet HTML 12Page - Allegro MicroSystems A1391_16 Datasheet HTML 13Page - Allegro MicroSystems A1391_16 Datasheet HTML 14Page - Allegro MicroSystems A1391_16 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micro Power 3 V Linear Hall Effect Sensor ICs
with Tri-State Output and User Selectable Sleep Mode
A1391, A1392,
A1393, and A1395
11
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Device Supply Ratiometry Application Circuit
Figures 2 and 3 present applications where the VCC pin is con-
nected together with the VREF pin of the A139x. Both of these
pins are connected to the battery, Vbat2. In this case, the device
output will be ratiometric with respect to the battery voltage.
The only difference between these two applications is that the
S¯¯L¯¯E¯¯E¯¯P¯ pin in figure 2 is connected to the Vbat2 potential, so the
device is always in the active mode. In figure 3, the S¯¯L¯¯E¯¯E¯¯P¯ pin is
toggled by the microprocessor; therefore, the device is selectively
and periodically toggled between active mode and sleep mode.
In both figures, the device output is connected to the input of an
A-to-D converter. In this configuration, the converter reference
voltage is Vbat1.
It is strongly recommended that an external bypass capacitor be
connected, in close proximity to the A139x device, between the
VCC and GND pins of the device to reduce both external noise
and noise generated by the chopper-stabilization circuits inside of
the A139x.
Vbat1
Cbypass
VCC
OUT
GND
GND
SLEEP
VREF
Vbat2
A139x
Micro-
processor
Supply pin
I/O
I/O
Figure 2. Application circuit showing sleep mode disabled and output ratiometirc to the
A139x supply.
Figure 3. Application circuit showing microprocessor-controlled sleep mode and output ratiome-
tirc to the A139x supply.
Vbat1
Vbat2
processor
Supply pin
I/O
I/O
Cbypass
VCC
OUT
GND
GND
SLEEP
VREF
Micro-
A139x


Similar Part No. - A1391_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1391SEHLT-T ALLEGRO-A1391SEHLT-T Datasheet
523Kb / 15P
   Micro Power 3 V Linear Hall Effect Sensors withTri-State Output and User-Selectable Sleep Mode
October 26, 2011
More results

Similar Description - A1391_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1391 ALLEGRO-A1391 Datasheet
494Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301_16 Datasheet
470Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com