Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1388LUA-2-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1388LUA-2-T
Description  Linear Hall-Effect Sensor ICs with Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1388LUA-2-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1388LUA-2-T Datasheet HTML 4Page - Allegro MicroSystems A1388LUA-2-T Datasheet HTML 5Page - Allegro MicroSystems A1388LUA-2-T Datasheet HTML 6Page - Allegro MicroSystems A1388LUA-2-T Datasheet HTML 7Page - Allegro MicroSystems A1388LUA-2-T Datasheet HTML 8Page - Allegro MicroSystems A1388LUA-2-T Datasheet HTML 9Page - Allegro MicroSystems A1388LUA-2-T Datasheet HTML 10Page - Allegro MicroSystems A1388LUA-2-T Datasheet HTML 11Page - Allegro MicroSystems A1388LUA-2-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Linear Hall-Effect Sensor ICs with Analog Output
Available in a Miniature, Low Profile Surface Mount Package
A1388 and
A1389
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package LH, 3-Pin (SOT-23W)
0.55 REF
Gauge Plane
Seating Plane
0.25 BSC
0.95 BSC
0.95
1.00
0.70
2.40
2
1
A Active Area Depth, 0.28 mm REF
B
C
C
B
Reference land pattern layout
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances
Branding scale and appearance at supplier discretion
A
PCB Layout Reference View
Branding Reference View
Branded Face
2.90 +0.10
–0.20
4°±4°
8X 10° REF
0.180+0.020
–0.053
0.05 +0.10
–0.05
0.25 MIN
1.91 +0.19
–0.06
2.98 +0.12
–0.08
1.00 ±0.13
1
389
1
89R
0.40 ±0.10
For Reference Only; not for tooling use (reference DWG-2840)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
D
Hall element, not to scale
A1389LLHLX-9-T
A1388LLHLX-2-T
A1389LLHLX-RP9-T
D
D
D
1.49
0.96
3


Similar Part No. - A1388LUA-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1381ELHLT-T ALLEGRO-A1381ELHLT-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381EUA-T ALLEGRO-A1381EUA-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381EUATI-T ALLEGRO-A1381EUATI-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
More results

Similar Description - A1388LUA-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
logo
Micronas
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
   Linear Hall-Effect Sensor with PWM Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com