Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1454 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1454
Description  3V Hall Effect Linear Sensor with I2C Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1454 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1454 Datasheet HTML 7Page - Allegro MicroSystems A1454 Datasheet HTML 8Page - Allegro MicroSystems A1454 Datasheet HTML 9Page - Allegro MicroSystems A1454 Datasheet HTML 10Page - Allegro MicroSystems A1454 Datasheet HTML 11Page - Allegro MicroSystems A1454 Datasheet HTML 12Page - Allegro MicroSystems A1454 Datasheet HTML 13Page - Allegro MicroSystems A1454 Datasheet HTML 14Page - Allegro MicroSystems A1454 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
3V Hall Effect Linear Sensor with I2C Output
A1454
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
EEPROM Memory Check
The EEPROM Memory Check provides the capability to vary
the EEPROM reference voltages and compare the data from each
reference voltage, to ensure that no EEPROM memory cells are
corrupted. A high reference voltage is used ensure that 1’s are
correctly programmed and a low reference voltage is used to
ensure that the 0’s are correctly programmed.
The Tables 6 and 7 describe the features available in customer
accessible register EEPROM Check.
Table 6: Customer Accessible Register EEPROM Check
Register Name
Register Address
Bit Number
25:6
EEPROM Check
0x1C
Unused
MM
MS
0
0
MCI
Table 7: Customer Accessible Register EEPROM Check
Parameter Name
Description
Value
MCI: Memory Check Initiate
The MCI bit can be written by the customer to
initiate an EEPROM memory check procedure.
This bit will self-clear upon completion of the
memory test.
0: Reset Condition
1: Start Memory Check
Bit 1
Must be set to ‘0’
0
Bit 2
Must be set to ‘0’
0
MS[1:0]: Memory Status
These are status bits that provide information on
the progress and result of the Memory Check.
These bits are cleared after a read, or a system
reset.
00: Reset Condition
01: Pass - No failure detected.
10: Fail – Failure detected
11: Running - Memory Check ongoing.
MM
In the case of MS [1:0] = [10], i.e. failure
detected, MM will provide additional diagnostic
information, indicating whether the failing
memory reference was the low reference, or the
high reference.
0: Low Reference Failed
1: High Reference Failed


Similar Part No. - A1454

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
A14557 LSTD-A14557 Datasheet
640Kb / 2P
   TflexTM 500 Series
logo
EPCOS
A1456 EPCOS-A1456 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
More results

Similar Description - A1454

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
   Linear Hall-Effect Sensor with PWM Output
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
   Linear Hall-Effect Sensor with PWM Output
logo
Texas Instruments
DRV5057 TI1-DRV5057 Datasheet
1Mb / 34P
[Old version datasheet]   Linear Hall Effect Sensor With PWM Output
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
   Linear Hall-Effect Sensor with SENT Output
logo
Allegro MicroSystems
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
logo
Texas Instruments
DRV5057 TI-DRV5057_V01 Datasheet
1Mb / 37P
[Old version datasheet]   DRV5057 Linear Hall Effect Sensor With PWM Output
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com