Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1423LK-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1423LK-T
Description  High Precision Hall Effect AC-Coupled Differential Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1423LK-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1423LK-T Datasheet HTML 2Page - Allegro MicroSystems A1423LK-T Datasheet HTML 3Page - Allegro MicroSystems A1423LK-T Datasheet HTML 4Page - Allegro MicroSystems A1423LK-T Datasheet HTML 5Page - Allegro MicroSystems A1423LK-T Datasheet HTML 6Page - Allegro MicroSystems A1423LK-T Datasheet HTML 7Page - Allegro MicroSystems A1423LK-T Datasheet HTML 8Page - Allegro MicroSystems A1423LK-T Datasheet HTML 9Page - Allegro MicroSystems A1423LK-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
High Precision Hall Effect AC-Coupled Differential
Sensor IC with Integrated Filter Capacitor
A1421, A1422,
and
A1423
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Empirical Results
4.5
20.0
12.0
V
CC (V)
4.5
20.0
12.0
V
CC (V)
4.5
20.0
12.0
V
CC (V)
150
–40
25
T
A (ºC)
150
–40
25
T
A (ºC)
150
–40
25
T
A (ºC)
ICC(OFF) by TA
Ambient Temperature, TA (ºC)
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
–50
0
50
100
150
200
Over VCC Range
ICC(OFF) by VCC
Supply Voltage, VCC (V)
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
5
10
15
20
25
Over TA Range
ICC(ON) by VCC
Supply Voltage, VCC (V)
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
5
10
15
20
25
Over TA Range
Supply Voltage, VCC (V)
0
5
10
15
20
25
ICC(ON) by TA
Ambient Temperature, TA (ºC)
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
–50
0
50
100
150
200
Over VCC Range
VOUT(SAT) by TA
Ambient Temperature, TA (ºC)
500
450
400
350
300
250
200
150
100
50
0
–50
0
50
100
150
200
Over VCC Range; ISINK = 20 mA
VOUT(SAT) by VCC
500
450
400
350
300
250
200
150
100
50
0
Over TA Range; ISINK = 20 mA
Continued on next page.


Similar Part No. - A1423LK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1423LK-T ALLEGRO-A1423LK-T Datasheet
1Mb / 16P
   High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
More results

Similar Description - A1423LK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
   High Precision Hall Effect AC-Coupled Differential Sensor IC
A1421 ALLEGRO-A1421_05 Datasheet
1Mb / 16P
   High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Micronas
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
HAL300 MICRONAS-HAL300_1 Datasheet
1Mb / 22P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
TLE4921-3U INFINEON-TLE4921-3U Datasheet
138Kb / 19P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com