Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1468 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1468
Description  Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1468 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1468 Datasheet HTML 1Page - Allegro MicroSystems A1468 Datasheet HTML 2Page - Allegro MicroSystems A1468 Datasheet HTML 3Page - Allegro MicroSystems A1468 Datasheet HTML 4Page - Allegro MicroSystems A1468 Datasheet HTML 5Page - Allegro MicroSystems A1468 Datasheet HTML 6Page - Allegro MicroSystems A1468 Datasheet HTML 7Page - Allegro MicroSystems A1468 Datasheet HTML 8Page - Allegro MicroSystems A1468 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PACKAGE: 4-PIN SIP (SUFFIX K)
TheA1468 is an optimized Hall effect sensing IC that provides
a user-friendly solution for digital ring-magnet sensing, or
when coupled with a magnet, ferromagnetic target sensing,
in three-wire applications. The small device package can be
easily assembled into applications for use in conjunction with
a wide variety of target shapes and sizes.
The integrated circuit incorporates dual Hall effect elements
with a 2.2 mm spacing and signal processing that switches
in response to differential magnetic signals created by ring-
magnet poles. The circuitry contains a sophisticated digital
circuit to reduce system offsets, to calibrate the gain for air-
gap–independent switchpoints, and to achieve true zero-speed
operation. Signal optimization occurs at power-on through
the combination of offset and gain adjust, and is maintained
throughout the operating time with the use of a running-mode
calibration. The running-mode calibration provides immunity
toenvironmentaleffectssuchasmicro-oscillationsofthetarget
or sudden air gap changes.
The device is ideally suited to obtaining speed and duty cycle
information in ring-magnet–based speed, position, and timing
applications, such as in speedometers.
The A1468 is available in a 4-pin SIP (suffix K). The package
is lead (Pb) free, with 100% matte tin leadframe plating.
A1468-DS, Rev. 3
• 4.0 to 26.5 V supply operating range
• Minimum differential field 20 Gpk-pk
• Running mode calibration for continuous optimization
• Single chip IC for high reliability
• Precise duty cycle signal throughout operating
temperature range
• Large operating air gaps
• Automatic Gain Control (AGC) for air-gap–independent
switchpoints
• Automatic Offset Adjustment (AOA) for signal
processing optimization
• True zero-speed operation
• Undervoltage lockout
• Reverse battery protection
• Scan and IDDQ for increased test coverage
Three-Wire True Zero-Speed Differential Peak-Detecting
Sensor IC with Continuous Calibration
Functional Block Diagram
Not to scale
A1468
Tracking DAC
AOA DAC
TEST
OUT
GND
VCC
Internal
Regulator
Test Signals
Automatic Offset
Adjustment (AOA)
Control
Peak Hold
Current
Limit
AGC DAC
Automatic Gain
Control (AGC)
Hall
Amplifier
E1
E2
Gain
FEATURES AND BENEFITS
DESCRIPTION


Similar Part No. - A1468

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1460 ACTEL-A1460 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
logo
Microsemi Corporation
A1460 MICROSEMI-A1460 Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
A1460A MICROSEMI-A1460A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1460A-1CQ196B ACTEL-A1460A-1CQ196B Datasheet
1Mb / 98P
   HiRel FPGAs
A1460A-1CQ196B ACTEL-A1460A-1CQ196B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A1468

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A17301 ALLEGRO-A17301 Datasheet
852Kb / 15P
   Three-Wire Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642 ALLEGRO-A1642 Datasheet
361Kb / 14P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
ATS642 ALLEGRO-ATS642 Datasheet
319Kb / 16P
   Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSH ALLEGRO-ATS642LSH Datasheet
430Kb / 16P
   Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS682LSH ALLEGRO-ATS682LSH Datasheet
325Kb / 16P
   Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
ATS682 ALLEGRO-ATS682 Datasheet
323Kb / 16P
   Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
A1688 ALLEGRO-A1688 Datasheet
584Kb / 10P
   Two-Wire, True Zero-Speed, High Accuracy Sensor IC
ATS685LSH ALLEGRO-ATS685LSH Datasheet
445Kb / 15P
   Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com