Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1454KLETR-2N-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1454KLETR-2N-T
Description  3V Hall Effect Linear Sensor with I2C Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1454KLETR-2N-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1454KLETR-2N-T Datasheet HTML 4Page - Allegro MicroSystems A1454KLETR-2N-T Datasheet HTML 5Page - Allegro MicroSystems A1454KLETR-2N-T Datasheet HTML 6Page - Allegro MicroSystems A1454KLETR-2N-T Datasheet HTML 7Page - Allegro MicroSystems A1454KLETR-2N-T Datasheet HTML 8Page - Allegro MicroSystems A1454KLETR-2N-T Datasheet HTML 9Page - Allegro MicroSystems A1454KLETR-2N-T Datasheet HTML 10Page - Allegro MicroSystems A1454KLETR-2N-T Datasheet HTML 11Page - Allegro MicroSystems A1454KLETR-2N-T Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3V Hall Effect Linear Sensor with I2C Output
A1454
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
I2C Command to Write to the A1454
The master controls the A1454 by programming it as a slave.
To do so, the master transmits data bits to the SDA input of the
A1454, in synchronization with the clocking signal the master
transmits simultaneously on the SCL input.
A complete transmission begins with the master pulling SDA low
(Start bit), and completes with the master releasing the SDA line
(Stop bit). As shown in figure 1, between these points, the master
transmits two address bytes, the first with the A1454 (chip)
address bits and a write command bit (D0 = 0) and the second
with the initial target register address, which are followed by the
data bytes. After every byte, regardless of byte payload, the slave
A1454 acknowledges by transmitting a low to the master on the
SDA line.
Multiple data bytes can be written by one I2C sequence, as shown
in Figure 2. After the slave acknowledges a data byte, instead of
sending a Stop bit, the master sends the next data byte. Only after
the final data byte is written and the slave acknowledges, does the
master provide a Stop bit. The A1454 automatically directs each
additional data byte to the next register, in order of regiter address
number. Note that only the initial register address is required.
This allows faster data entry, although it restricts data entry to
sequential registers. If non-sequential registers are to be written,
separate write commands can be sent.
A1454 (Slave) Acknowledge
A1454 (Slave) Acknowledge
A1454 (Slave) Acknowledge
A1454 (Slave) Acknowledge
A1454 (Slave) Acknowledge
A1454 (Slave) Acknowledge
Write bit
Write bit
Slave Address
Slave Data1
Start
Register Address
Register Data2
Register Data0
Register Data3
SDA
SDA
SCL
SCL
D6
D6
D5
D5
D4
D4
D3
D3
D2
D2
D1
D1
D0
D0
W AK
AK
D7
D7
D7
D6
D6
D5
D5
D4
D4
D3
D3
D2
D2
D1
D1
D0
D0
AK
AK
D7
D7
D6
D6
D5
D5
D4
D4
D3
D3
D2
D2
D1
D1
D0
D0
AK
AK
Stop
. . .
. . .
. . .
. . .
1
1
1
1
1
1
2
2
2
2
2
2
3
3
3
3
3
3
4
4
4
4
4
4
5
5
5
5
5
5
6
6
6
6
6
6
7
7
7
7
7
7
8
8
8
8
8
8
9
9
9
9
9
9
Figure 2: I2C Write Operation
Customer Write Access
Before attempting to write to any of the serial registers or
EEPROM memory locations in the A1454, an access code must
be entered, to put the device in customer access mode. If cus-
tomer access mode is configured, then no writes to the device
are allowed. The only exception this this is the SLEEP bit, which
can be written regardless of the access mode. Furthermore, any
register or EEPROM location can be read at any time regardless
of the access mode.
To enter either customer access mode, an access command needs
to be sent via the I2C interface. The command is simply a serial
write operation with the address and data values as shown in
Table 2. Once the access mode is set, it is not possible to change
the mode without power-cycling the device. There is no time
limit for entering the code.
Table 5: Customer Access Code
Address
Data
Customer Access Mode
0x24
0x2C413534


Similar Part No. - A1454KLETR-2N-T

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
A14557 LSTD-A14557 Datasheet
640Kb / 2P
   TflexTM 500 Series
logo
EPCOS
A1456 EPCOS-A1456 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
More results

Similar Description - A1454KLETR-2N-T

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
   Linear Hall-Effect Sensor with PWM Output
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
   Linear Hall-Effect Sensor with PWM Output
logo
Texas Instruments
DRV5057 TI1-DRV5057 Datasheet
1Mb / 34P
[Old version datasheet]   Linear Hall Effect Sensor With PWM Output
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
   Linear Hall-Effect Sensor with SENT Output
logo
Allegro MicroSystems
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
logo
Texas Instruments
DRV5057 TI-DRV5057_V01 Datasheet
1Mb / 37P
[Old version datasheet]   DRV5057 Linear Hall Effect Sensor With PWM Output
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com