Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1569ELJTR-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1569ELJTR-T
Description  LED Driver with Integrated Hall-Effect Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1569ELJTR-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1569ELJTR-T Datasheet HTML 7Page - Allegro MicroSystems A1569ELJTR-T Datasheet HTML 8Page - Allegro MicroSystems A1569ELJTR-T Datasheet HTML 9Page - Allegro MicroSystems A1569ELJTR-T Datasheet HTML 10Page - Allegro MicroSystems A1569ELJTR-T Datasheet HTML 11Page - Allegro MicroSystems A1569ELJTR-T Datasheet HTML 12Page - Allegro MicroSystems A1569ELJTR-T Datasheet HTML 13Page - Allegro MicroSystems A1569ELJTR-T Datasheet HTML 14Page - Allegro MicroSystems A1569ELJTR-T Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LED Driver with Integrated Hall-Effect Switch
A1569E
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Function Truth Table
EXT
SEN_EN
Magnetic Field B
LED
0
0
X
OFF
0
1
B > BOP
OFF
0
1
B < BRP
ON
1
X
X
ON
Example Function Diagrams
B > B
OP
B < B
RP
High
High
Max
Low
Low
0 mA
Fade in
Fade out
B
FIELD
I
LED
SEN_EN
EXT
Figure 3: Hall-Activated Operation
With EXT low and SEN_EN high, the switching of the LED is controlled by the BFIELD as detected by the Hall sensor.
B > B
OP
B < B
RP
High
High
Max
Low
Low
0 mA
B
FIELD
I
LED
SEN_EN
EXT
Figure 4: Disabling the Hall Sensor with SEN_EN
The Hall sensor can be disabled by driving SEN_EN low. This will force the LED off even if the BFIELD is below BOP.


Similar Part No. - A1569ELJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1569K ALLEGRO-A1569K Datasheet
601Kb / 21P
   Automotive LED Driver with Integrated Hall-Effect Switch
A1569KLJTR-T ALLEGRO-A1569KLJTR-T Datasheet
601Kb / 21P
   Automotive LED Driver with Integrated Hall-Effect Switch
More results

Similar Description - A1569ELJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1569K ALLEGRO-A1569K Datasheet
601Kb / 21P
   Automotive LED Driver with Integrated Hall-Effect Switch
logo
Princeton Technology Co...
PT6910 PTC-PT6910 Datasheet
166Kb / 4P
   1.2A LED Driver with Integrated Switch
logo
Rohm
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
   Hall effect Switch
BU52014HFV ROHM-BU52014HFV Datasheet
197Kb / 6P
   Hall effect Switch
logo
Major-Power Technology ...
MA7015 MPOWER-MA7015 Datasheet
167Kb / 2P
   Hall Effect Switch
Rev.1.0
logo
Rohm
BU52015GUL ROHM-BU52015GUL Datasheet
192Kb / 5P
   Hall effect Switch
BU52003GUL ROHM-BU52003GUL Datasheet
189Kb / 6P
   Hall effect Switch
BU52001GUL ROHM-BU52001GUL Datasheet
194Kb / 6P
   Hall effect Switch
BU52021HFV ROHM-BU52021HFV Datasheet
193Kb / 6P
   Hall effect Switch
BU52002GUL ROHM-BU52002GUL Datasheet
189Kb / 6P
   Hall effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com