Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1569K Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1569K
Description  Automotive LED Driver with Integrated Hall-Effect Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1569K Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1569K Datasheet HTML 5Page - Allegro MicroSystems A1569K Datasheet HTML 6Page - Allegro MicroSystems A1569K Datasheet HTML 7Page - Allegro MicroSystems A1569K Datasheet HTML 8Page - Allegro MicroSystems A1569K Datasheet HTML 9Page - Allegro MicroSystems A1569K Datasheet HTML 10Page - Allegro MicroSystems A1569K Datasheet HTML 11Page - Allegro MicroSystems A1569K Datasheet HTML 12Page - Allegro MicroSystems A1569K Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Automotive LED Driver with
Integrated Hall-Effect Switch
A1569K
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
Supply Voltage, VIN (V)
IINQ vs. VIN
-40
25
125
TA (°C)
0
1
2
3
4
5
6
7
8
9
10
-50
0
50
100
150
Ambient Temperature, TA (°C)
IINQ vs. TA
7
12
18
24
VIN (V)
0
5
10
15
20
25
0
5
10
15
20
25
30
Supply Voltage, VIN (V)
IINS vs. VIN
-40
25
125
TA (°C)
0
5
10
15
20
25
-50
0
50
100
150
Ambient Temperature, TA (°C)
IINS vs. TA
7
12
18
24
VIN (V)
60
65
70
75
80
85
90
0
5
10
15
20
25
30
Supply Voltage, VIN (V)
GH vs. VIN(IREF = 2 mA)
-40
25
125
TA (°C)
60
65
70
75
80
85
90
-50
0
50
100
150
Ambient Temperature, TA (°C)
GH vs. TA (IREF = 2 mA)
7
12
18
24
VIN (V)


Similar Part No. - A1569K

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1569E ALLEGRO-A1569E Datasheet
600Kb / 21P
   LED Driver with Integrated Hall-Effect Switch
A1569ELJTR-T ALLEGRO-A1569ELJTR-T Datasheet
600Kb / 21P
   LED Driver with Integrated Hall-Effect Switch
More results

Similar Description - A1569K

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1569E ALLEGRO-A1569E Datasheet
600Kb / 21P
   LED Driver with Integrated Hall-Effect Switch
logo
Rohm
BD5310XG-CZ ROHM-BD5310XG-CZ Datasheet
957Kb / 17P
   Automotive Hall Effect Switch Series
23.May.2022 Rev.001
logo
Infineon Technologies A...
TLE4964-5M INFINEON-TLE4964-5M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-01-15
TLE4964-1M INFINEON-TLE4964-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-07-20
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
logo
Infineon Technologies A...
TLE4968-1M INFINEON-TLE4968-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-04-07
TLE4964-6M INFINEON-TLE4964-6M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-07-05
TLE4964-4M INFINEON-TLE4964-4M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-05-07
TLE4964-3M INFINEON-TLE4964-3M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-12-18
TLI4965-5M INFINEON-TLI4965-5M_15 Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Switch
Rev. 1.0, 2015-07-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com