Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1569KLJTR-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1569KLJTR-T
Description  Automotive LED Driver with Integrated Hall-Effect Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1569KLJTR-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1569KLJTR-T Datasheet HTML 1Page - Allegro MicroSystems A1569KLJTR-T Datasheet HTML 2Page - Allegro MicroSystems A1569KLJTR-T Datasheet HTML 3Page - Allegro MicroSystems A1569KLJTR-T Datasheet HTML 4Page - Allegro MicroSystems A1569KLJTR-T Datasheet HTML 5Page - Allegro MicroSystems A1569KLJTR-T Datasheet HTML 6Page - Allegro MicroSystems A1569KLJTR-T Datasheet HTML 7Page - Allegro MicroSystems A1569KLJTR-T Datasheet HTML 8Page - Allegro MicroSystems A1569KLJTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
The A1569K is a highly integrated solution that combines a
Hall-effectswitchwithalinear,programmablecurrentregulator,
providing up to 150 mA to drive one or more LEDs. With the
addition of only two passive components and one or more
LEDs, the A1569K forms a complete, magnetically actuated
lighting solution that is small, flexible, elegant, easy to design,
rugged, and reliable. It is optimized for automotive interior and
auxilliary lighting such as map lights, glove boxes, consoles,
vanity mirrors, hood/truck/bed lights, etc.
The LED drive current is set by an external resistor; the LED is
then activated by the built-in Hall-effect switch and features an
adjustablefade-in/fade-outeffect.Omnipolaroperation(either
north or south pole) and high magnetic sensitivity make the
A1569Ktolerantoflargeairgapsandmechanicalmisalignment.
System assembly is easier, as the magnet can be oriented with
either pole facing the device. Chopper stabilization provides
low switchpoint drift over the operating temperature range.
The driver can also be activated via an external input for direct
control of the LED.
In addition to contactless operation and safe, constant-current
LED drive, reliability is further enhanced with reverse-battery
protection, thermal foldback, and automatic shutdown for
thermaloverloadandshortstoground.TheA1569Kwillprevent
damage to the system by removing LED drive current until
the short is removed and/or the chip temperature has reduced
below the thermal threshold. The driver output is slew-rate-
limited to reduce electrical noise during operation.
A1569K-DS
• Linear LED drive current ≤150 mA set by an external
reference resistor
• High sensitivity, omnipolar Hall-effect switch for LED
on/off control
• Low component count for small size and ease of design
• Elegant fade-in/fade-out effects with adjustable duration
(optional)
• Qualified per AEC-Q100 for automotive applications
• Low dropout voltage and low supply current
• Chopper-stabilized Hall switch
□ Low switchpoint drift over temperature
□ Insensitivity to physical stress
• Input pin for external LED driver control
• Slew-rate-limited LED output drive for current transient
suppression
• Ruggedness and reliability
□ Integrated voltage regulator for operation from 7 to 24 V
□ Reverse-battery protection
□ Automatic short-circuit and thermal overload
protection and recovery
□ –40ºC to 125ºC ambient temperature range
• Small 8-pin SOIC package with thermal pad
Automotive LED Driver with
Integrated Hall-Effect Switch
PACKAGE:
8-Pin SOICN with Exposed Thermal Pad (Suffix LJ)
Typical Application Diagram
A1569K
FEATURES AND BENEFITS
DESCRIPTION
Not to scale
VIN
SEN_EN
LA
EXT
HALL
IREF
RIREF
CFADE
(optional)
THTH
FADE
GND
150 mA
+V
No Connect
or
Connect to GND
LED_ON
Optional
Control Signals
From MCU or
Remote Switch
SLEEP
For standalone operation,
SEN_EN is pulled high
(e.g., tied to VIN)
CBYPASS
Continued on the next page…


Similar Part No. - A1569KLJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1569E ALLEGRO-A1569E Datasheet
600Kb / 21P
   LED Driver with Integrated Hall-Effect Switch
A1569ELJTR-T ALLEGRO-A1569ELJTR-T Datasheet
600Kb / 21P
   LED Driver with Integrated Hall-Effect Switch
More results

Similar Description - A1569KLJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1569E ALLEGRO-A1569E Datasheet
600Kb / 21P
   LED Driver with Integrated Hall-Effect Switch
logo
Rohm
BD5310XG-CZ ROHM-BD5310XG-CZ Datasheet
957Kb / 17P
   Automotive Hall Effect Switch Series
23.May.2022 Rev.001
logo
Infineon Technologies A...
TLE4964-5M INFINEON-TLE4964-5M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-01-15
TLE4964-1M INFINEON-TLE4964-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-07-20
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
logo
Infineon Technologies A...
TLE4968-1M INFINEON-TLE4968-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-04-07
TLE4964-6M INFINEON-TLE4964-6M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-07-05
TLE4964-4M INFINEON-TLE4964-4M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-05-07
TLE4964-3M INFINEON-TLE4964-3M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-12-18
TLI4965-5M INFINEON-TLI4965-5M_15 Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Switch
Rev. 1.0, 2015-07-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com