Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1642 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1642
Description  Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor IC with Continuous Calibration
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1642 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1642 Datasheet HTML 1Page - Allegro MicroSystems A1642 Datasheet HTML 2Page - Allegro MicroSystems A1642 Datasheet HTML 3Page - Allegro MicroSystems A1642 Datasheet HTML 4Page - Allegro MicroSystems A1642 Datasheet HTML 5Page - Allegro MicroSystems A1642 Datasheet HTML 6Page - Allegro MicroSystems A1642 Datasheet HTML 7Page - Allegro MicroSystems A1642 Datasheet HTML 8Page - Allegro MicroSystems A1642 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Two-Wire True Zero-Speed Miniature Differential
Peak-Detecting Sensor IC with Continuous Calibration
A1642
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS
(continued) TA and VCC within specification, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
SWITCHPOINT CHARACTERISTICS
Operating Speed
fOP
0
8,000
Hz
Analog Signal Bandwidth
BW
Equivalent to f – 3 dB
20
40
kHz
Operate Point
BOP
Transitioning from ICC(High) to ICC(Low); positive peak
referenced; AG < AGMAX
120
mV
Release Point
BRP
Transitioning from ICC(Low) to ICC(High); negative peak
referenced; AG < AGMAX
120
mV
CALIBRATION
Initial Calibration
CI
Quantity of rising output (current) edges required for
accurate edge detection
3
Edge
DAC CHARACTERISTICS
Allowable User-Induced Differential
Offset
Operating within specification
±90
G
FUNCTIONAL CHARACTERISTICS6
Operating Signal Range7
Sig
Operating within specification
30
1000
G
Minimum Operating Signal
SigOP(min)
Output switching (no missed edges); ∆DC not
guaranteed
20
G
1Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
2Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3Please refer to Device Operation section.
4Power-On Time includes the time required to complete the internal automatic offset adjust. The DAC is then ready for peak acquisition.
5dI is the difference between 10% of ICC(Low) and 90% of ICC(High), and dt is the time period between those two points.
Note: dI/dt is dependent upon the value of the bypass capacitor, if one is used.
6Functional characteristics valid only if magnetic offset is within the specified range for Allowable User Induced Differential Offset.
7In order to remain in specification, the magnetic gradient must induce an operating signal greater than the minimum value specified. This includes the
effect of target wobble.


Similar Part No. - A1642

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LK-I1-T ALLEGRO-A1642LK-I1-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LK-I2-T ALLEGRO-A1642LK-I2-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LKTN-I1-T ALLEGRO-A1642LKTN-I1-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LKTN-I2-T ALLEGRO-A1642LKTN-I2-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
More results

Similar Description - A1642

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
ATS642 ALLEGRO-ATS642 Datasheet
319Kb / 16P
   Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSH ALLEGRO-ATS642LSH Datasheet
430Kb / 16P
   Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
ATS682LSH ALLEGRO-ATS682LSH Datasheet
325Kb / 16P
   Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
ATS682 ALLEGRO-ATS682 Datasheet
323Kb / 16P
   Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
A17301 ALLEGRO-A17301 Datasheet
852Kb / 15P
   Three-Wire Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1688 ALLEGRO-A1688 Datasheet
584Kb / 10P
   Two-Wire, True Zero-Speed, High Accuracy Sensor IC
ATS685LSH ALLEGRO-ATS685LSH Datasheet
445Kb / 15P
   Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com