Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1642LKNTN-I2-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1642LKNTN-I2-T
Description  Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor IC with Continuous Calibration
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1642LKNTN-I2-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1642LKNTN-I2-T Datasheet HTML 1Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 2Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 3Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 4Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 5Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 6Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 7Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
The A1642 is an optimized Hall effect sensing integrated
circuit that provides a user-friendly solution for true zero-speed
digital ring-magnet sensing in two-wire applications.This small
package can be easily assembled and used in conjunction with
a wide variety of target shapes and sizes.
The integrated circuit incorporates dual Hall effect elements
and signal processing that switches in response to differential
magnetic signals created by ring magnet poles. The circuitry
contains a sophisticated digital circuit to reduce system offsets,
to calibrate the gain for air-gap–independent switchpoints,
and to achieve true zero-speed operation. Signal optimization
occurs at power-on through the combination of offset and
gain adjust and is maintained throughout the operating time
with the use of a running-mode calibration. The running-mode
calibration allows immunity to environmental effects such as
micro-oscillations of the target or sudden air gap changes.
The regulated current output is configured for two-wire
applications and the A1642 is ideally suited for obtaining
speed and duty cycle information in ABS (antilock braking
systems). The 1.5 mm spacing between the dual Hall elements
is optimized for fine pitch ring-magnet–based configurations.
For applications requiring sensing of rotating ferrous gears and
targets, refer to theAllegroATS series of products.The package
is lead (Pb) free, with 100% matte tin leadframe plating.
A1642LKN-DS, Rev. 4
Features and Benefits
▪ Running mode calibration for continuous optimization
▪ Single chip IC for high reliability
▪ Internal current regulator for 2-wire operation
▪ Precise duty cycle signal over operating temperature range
▪ Large operating air gaps
▪ Automatic Gain Control (AGC) for air gap independent
switchpoints
▪ Automatic Offset Adjustment (AOA) for signal processing
optimization
▪ True zero-speed operation
▪ Undervoltage lockout
▪ Wide operating voltage range
▪ Wide-lead package suitable for welding external
components directly to the package leads or for welding
the device to a leadframe.
Two-Wire True Zero-Speed Miniature Differential
Peak-Detecting Sensor IC with Continuous Calibration
Package: 4-pin SIP (Suffix KN)
Functional Block Diagram
Not to scale
A1642
VCC
Automatic Offset
Control
AOA DAC
Hall
Amplifier
AGC DAC
Gain
Tracking
DAC
Peak Hold
Gain Control
Internal Regulator
Test Signals
GND
Test


Similar Part No. - A1642LKNTN-I2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LK-I1-T ALLEGRO-A1642LK-I1-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LK-I2-T ALLEGRO-A1642LK-I2-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LKTN-I1-T ALLEGRO-A1642LKTN-I1-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LKTN-I2-T ALLEGRO-A1642LKTN-I2-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
More results

Similar Description - A1642LKNTN-I2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
ATS642 ALLEGRO-ATS642 Datasheet
319Kb / 16P
   Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSH ALLEGRO-ATS642LSH Datasheet
430Kb / 16P
   Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
ATS682LSH ALLEGRO-ATS682LSH Datasheet
325Kb / 16P
   Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
ATS682 ALLEGRO-ATS682 Datasheet
323Kb / 16P
   Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
A17301 ALLEGRO-A17301 Datasheet
852Kb / 15P
   Three-Wire Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1688 ALLEGRO-A1688 Datasheet
584Kb / 10P
   Two-Wire, True Zero-Speed, High Accuracy Sensor IC
ATS685LSH ALLEGRO-ATS685LSH Datasheet
445Kb / 15P
   Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com