Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3907ECGTR Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3907ECGTR
Description  Low Voltage Voice Coil Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3907ECGTR Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3907ECGTR Datasheet HTML 3Page - Allegro MicroSystems A3907ECGTR Datasheet HTML 4Page - Allegro MicroSystems A3907ECGTR Datasheet HTML 5Page - Allegro MicroSystems A3907ECGTR Datasheet HTML 6Page - Allegro MicroSystems A3907ECGTR Datasheet HTML 7Page - Allegro MicroSystems A3907ECGTR Datasheet HTML 8Page - Allegro MicroSystems A3907ECGTR Datasheet HTML 9Page - Allegro MicroSystems A3907ECGTR Datasheet HTML 10Page - Allegro MicroSystems A3907ECGTR Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Low Voltage Voice Coil Motor Driver
A3907
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
I2C Interface
This is a serial interface that uses two bus lines, SCL and SDA, to
access the internal control registers. Data is exchanged between a
microcontroller (master) and the A3907 (slave). The clock input
to SCL is generated by the master, while SDA functions as either
an input or an open drain output, depending on the direction of
the data. The I2C input thresholds do not depend on the VDD
voltage of the A3907. The levels are fixed at approximately 1V.
The fixed levels allow the SDA and SCL lines to be pulled-up to
a different logic level than the VDD supply of the 3907.
Timing Considerations The control sequence of the commu-
nication through the I2C interface is composed of several steps in
sequence:
1. Start Condition. Defined by a negative edge on the SDA line,
while SCL is high.
2. Address Cycle. 7 bits of address, plus 1 bit to indicate write (0)
or read(1), and an acknowledge bit. The address setting is 0x18,
0x1A, 0x1C, or 0x1E.
3. Data Cycles. Write requires 7 bits of address data selecting the
internal control register, followed by an acknowledge bit.
4. Stop Condition. Defined by a positive edge on the SDA line,
while SCL is high.
Except to indicate a Start or Stop condition, SDA must be stable
while the clock is high. SDA can only be changed while SCL is
low. It is possible for the Start or Stop condition to occur at any
time during a data transfer. The A3907 always responds by reset-
ting the data transfer sequence.
To indicate a write cycle, the Read/Write bit is set to low.
Mulitple writes are allowed. If desired, the readback bit can be set
to high to check what was last written.
The Acknowledge bit is used by the master to determine if the
slave device is responding to its address and data transmis-
sions. When the A3907 decodes the 7-bit address field as a valid
address, it responds by pulling SDA low during the ninth clock
cycle.
During a data write from the master, the A3907 pulls SDA low
during the clock cycle that follows the last data byte, in order
to indicate that the data has been successfully received. In both
cases, the master device must release the SDA line before the
ninth clock cycle, in order to allow this handshaking to occur.
Slave (A3907) Address
Device Identifier
R/W
0
0
0
1
1
X
X
0
Control Register MS Byte (I2C Write register)
Bit
Name
Function
0
D4
DAC
1
D5
DAC
2
D6
DAC
3
D7
DAC
4
D8
DAC
5
D9
DAC MSB
6
T5
Not used
7
SLEEP
1=Sleep 0=Normal
Control Register MS Byte (I2C Write register)
Bit
Name
Function
0
T0
Time Setting LSB
1
T1
Time Setting Bit 1
2
T2
Time Setting Bit2
3
T3
Time Setting Bit 3
4
D0
DAC LSB
5
D1
DAC
6
D2
DAC
7
D3
DAC
Write Operation


Similar Part No. - A3907ECGTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3907 ALLEGRO-A3907 Datasheet
361Kb / 11P
   Low Voltage Voice Coil Motor Driver
More results

Similar Description - A3907ECGTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3904 ALLEGRO-A3904 Datasheet
191Kb / 7P
   Low Voltage Voice Coil Motor Driver
A3904 ALLEGRO-A3904 Datasheet
257Kb / 7P
   Low Voltage Voice Coil Motor Driver
A3907 ALLEGRO-A3907 Datasheet
361Kb / 11P
   Low Voltage Voice Coil Motor Driver
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
logo
STMicroelectronics
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
   VOICE COIL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com