Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD3S014-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD3S014-Q1
Description  Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S014-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPD3S014-Q1 Datasheet HTML 1Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 2Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 3Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 4Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 5Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 6Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 7Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 8Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
TPD3S014-Q1
SLVSDG5B – MARCH 2016 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPD3S014-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings—AEC Specification ............................. 4
6.3
ESD Ratings—IEC Specification .............................. 4
6.4
ESD Ratings—ISO Specification .............................. 4
6.5
Recommended Operating Conditions ....................... 4
6.6
Thermal Information .................................................. 5
6.7
Electrical Characteristics: TJ = TA = 25°C................. 5
6.8
Electrical Characteristics: –40°C
≤ TA ≤ 105°C ........ 6
6.9
Typical Characteristics .............................................. 7
7
Parameter Measurement Information ................ 10
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
8.2
Functional Block Diagram ....................................... 11
8.3
Feature Description................................................. 11
8.4
Device Functional Modes........................................ 14
9
Application and Implementation ........................ 15
9.1
Application Information............................................ 15
9.2
Typical Application .................................................. 15
10
Power Supply Recommendations ..................... 18
11
Layout................................................................... 18
11.1
Layout Guidelines ................................................. 18
11.2
Layout Example .................................................... 18
11.3
Power Dissipation and Junction Temperature ...... 19
12
Device and Documentation Support ................. 21
12.1
Documentation Support ....................................... 21
12.2
Community Resources.......................................... 21
12.3
Trademarks ........................................................... 21
12.4
Electrostatic Discharge Caution ............................ 21
12.5
Glossary ................................................................ 21
13
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (April 2016) to Revision B
Page
Made changes to the Electrical Characteristics: –40°C ≤ TA ≤ 105°C table. Changed TA from 125°C to 105°C .................. 1
Changed Temperature from 125°C to 105°C in Power Dissipation and Junction Temperature section ............................... 1
Changes from Original (March 2016) to Revision A
Page
Changed device status from Product Preview to Production Data ........................................................................................ 1


Similar Part No. - TPD3S014-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3S014 TI1-TPD3S014 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014DBVR TI1-TPD3S014DBVR Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014_16 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
More results

Similar Description - TPD3S014-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3S014 TI1-TPD3S014_16 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com