Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD3S716QDBQRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPD3S716QDBQRQ1
Description  Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S716QDBQRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPD3S716QDBQRQ1 Datasheet HTML 7Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 8Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 9Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 10Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 11Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 12Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 13Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 14Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Frequency (Hz)
1E+7
1E+8
1E+9
3E+9
-6
-5
-4
-3
-2
-1
0
D015
Frequency (Hz)
1E+7
1E+8
1E+9
3E+9
-12
-9
-6
-3
0
D016
Time (Ps)
-1
4
9
14
19
-1
-2.5
4
0
9
2.5
14
5
19
7.5
24
10
29
12.5
D013
VD-
IVD-
D-
/FLT
Frequency (Hz)
0
1E+9
2E+9
3E+9
-80
-70
-60
-50
-40
-30
-20
-10
0
D017
D- to VD+
D+ to VD-
11
TPD3S716-Q1
www.ti.com
SLVSDH9C – MARCH 2016 – REVISED JUNE 2016
Product Folder Links: TPD3S716-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. Data Switch Short-to-18 V Response Waveform
(Long)
Figure 14. Data Switch Crosstalk
Figure 15. USB2.0 Eye Diagram (no TPD3S716-Q1)
Figure 16. USB2.0 Eye Diagram (with TPD3S716-Q1)
Figure 17. Data Switch Differential Bandwidth
Figure 18. Data Switch Single-Ended Bandwidth


Similar Part No. - TPD3S716QDBQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
TPD3S713-Q1 TI-TPD3S713-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713A-Q1 TI-TPD3S713A-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713AQRVCRQ1 TI-TPD3S713AQRVCRQ1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
More results

Similar Description - TPD3S716QDBQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
logo
SynQor Worldwide Headqu...
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
   ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
NIV1241 ONSEMI-NIV1241 Datasheet
230Kb / 8P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com