Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC6B259 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPIC6B259
Description  POWER LOGIC 8-BIT ADDRESSABLE LATCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B259 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC6B259_16 Datasheet HTML 2Page - Texas Instruments TPIC6B259_16 Datasheet HTML 3Page - Texas Instruments TPIC6B259_16 Datasheet HTML 4Page - Texas Instruments TPIC6B259_16 Datasheet HTML 5Page - Texas Instruments TPIC6B259_16 Datasheet HTML 6Page - Texas Instruments TPIC6B259_16 Datasheet HTML 7Page - Texas Instruments TPIC6B259_16 Datasheet HTML 8Page - Texas Instruments TPIC6B259_16 Datasheet HTML 9Page - Texas Instruments TPIC6B259_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TPIC6B259
POWER LOGIC 8-BIT ADDRESSABLE LATCH
SLIS030 – APRIL 1994 – REVISED JULY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
R
θJA
Thermal resistance junction to ambient
DW package
All 8 outputs with equal power
90
°C/W
R
θJA
Thermal resistance junction-to-ambient
N package
All 8 outputs with equal power
95
°C/W
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
5 V
24 V
VCC
DRAIN
GND
CLR
RL = 235 Ω
Output
D
Word
Generator
(see Note A)
0 V
5 V
0.5 V
24 V
D
G
G
DRAIN5
CLR
VOLTAGE WAVEFORMS
S0
0 V
5 V
S1
0 V
5 V
S2
0 V
5 V
5 V
5 V
0 V
0 V
0.5 V
24 V
DRAIN3
S2
S1
S0
CL = 30 pF
(see Note B)
DUT
3
8
12
13
19
18
2
9, 10, 11
4 –7,
14 –17
ID
NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tw = 300 ns, pulsed repetition rate (PRR) = 5 kHz,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Resistive-Load Test Circuit and Voltage Waveforms


Similar Part No. - TPIC6B259_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6B259DW TI-TPIC6B259DW Datasheet
159Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259N TI-TPIC6B259N Datasheet
159Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results

Similar Description - TPIC6B259_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI1-TPIC6A259_12 Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
STMicroelectronics
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
   POWER LOGIC 8-BIT ADDRESSABLE LATCH
March 2001
logo
Texas Instruments
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259DWG4 TI-TPIC6259DWG4 Datasheet
879Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com