Electronic Components Datasheet Search |
|
LM2901PW Datasheet(PDF) 7 Page - Texas Instruments |
|
|
LM2901PW Datasheet(HTML) 7 Page - Texas Instruments |
7 / 19 page LM139, LM139A, LM239, LM239A, LM339, LM339A, LM2901, LM2901V QUAD DIFFERENTIAL COMPARATORS SLCS006L − OCTOBER 1979 − REVISED JUNE 2004 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA‡ LM2901 UNIT PARAMETER TEST CONDITIONS† TA‡ MIN TYP MAX UNIT V = V (min), Non-A devices 25 °C 2 7 VIO Input offset voltage VIC = VICR(min), VO = 1.4 V, Non-A devices Full range 15 mV VIO Input offset voltage IC ICR VO = 1.4 V, VCC = 5 V to MAX§ A-suffix devices 25 °C 1 2 mV VCC = 5 V to MAX§ A-suffix devices Full range 4 IIO Input offset current VO = 1.4 V 25 °C 5 50 nA IIO Input offset current VO = 1.4 V Full range 200 nA IIB Input bias current VO = 1.4 V 25 °C −25 −250 nA IIB Input bias current VO = 1.4 V Full range −500 nA VICR Common-mode input-voltage 25 °C 0 to VCC−1.5 V VICR Common-mode input-voltage range Full range 0 to VCC−2 V AVD Large-signal differential-voltage amplification VCC = 15 V, VO = 1.4 V to 11.4 V, RL ≥ 15 kΩ to VCC 25 °C 25 100 V/mV IOH High-level output current VID = 1 V VOH = 5 V 25 °C 0.1 50 nA IOH High-level output current VID = 1 V VOH = VCC MAX§ Full range 1 µA VID = −1 V, Non-V devices 25 °C 150 500 VOL Low-level output voltage VID = −1 V, IOL = 4 mA V-suffix devices 25 °C 150 400 mV VOL Low-level output voltage IOL = 4 mA All devices Full range 700 mV IOL Low-level output current VID = −1 V, VOL = 1.5 V 25 °C 6 16 mA ICC Supply current VO = 2.5 V, VCC = 5 V 25 °C 0.8 2 mA ICC Supply current (four comparators) VO = 2.5 V, No load VCC = MAX§ 25 °C 1 2.5 mA † All characteristics are measured with zero common-mode input voltage, unless otherwise specified. ‡ Full range (MIN to MAX) for LM2901 is −40°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. § VCC MAX = 30 V for non-V devices, and 32 V for V-suffix devices. switching characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS LM2901 UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Response time RL connected to 5 V through 5.1 kΩ, ¶ 100-mV input step with 5-mV overdrive 1.3 µs Response time RL connected to 5 V through 5.1 kΩ, CL = 15 pF¶, See Note 8 TTL-level input step 0.3 µs ¶ CL includes probe and jig capacitance. NOTE 8: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. |
Similar Part No. - LM2901PW |
|
Similar Description - LM2901PW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |