Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU610 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # KBU610
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

KBU610 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  KBU610 Datasheet HTML 1Page - Bruckewell Technology LTD KBU610 Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
KBU6005 thru KBU610
FIG.3-MAXIMUM NON-RETETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
250
200
0
100
10
1
150
100
50
10
0.1
0
20
40
60
80
100
120
140
1.0
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
TJ=25
TJ=100
FIG.2 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
100
0.1
1.2
1.1
1.0
0.9
0.8
0.7
0.6
40
20
10
4.0
1.0
0.4
0.2
1.3
TJ=25
PULSE WIDTH=300S
1%DUTY CYCLE
FIG.5-TYPICAL JUNCTION CAPACITANCE PER ELEMENT
REVERSE VOLTAGE ,VOLTS
400
100
50
10
50
100
1
5
10
TJ=25
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE,
50
100
0
150
1.0
5.0
4.0
3.0
2.0
6.0
8.0
7.0
HEAT SINK
MOUNTING
MOUNTED ON4*4 INCH
COPPER PC BOARD.TA
.51(1.27mm)LEAD LENGTH


Similar Part No. - KBU610

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU610 WTE-KBU610 Datasheet
42Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Continental Device Indi...
KBU610 CDIL-KBU610 Datasheet
204Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
KBU610 HY-KBU610 Datasheet
395Kb / 3P
   Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU610 JGD-KBU610 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KBU610 JUXING-KBU610 Datasheet
539Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFLER
More results

Similar Description - KBU610

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com