Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE57810S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE57810S
Description  Advanced DDR memory termination power with external reference in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57810S Datasheet(HTML) 2 Page - NXP Semiconductors

  NE57810S Datasheet HTML 1Page - NXP Semiconductors NE57810S Datasheet HTML 2Page - NXP Semiconductors NE57810S Datasheet HTML 3Page - NXP Semiconductors NE57810S Datasheet HTML 4Page - NXP Semiconductors NE57810S Datasheet HTML 5Page - NXP Semiconductors NE57810S Datasheet HTML 6Page - NXP Semiconductors NE57810S Datasheet HTML 7Page - NXP Semiconductors NE57810S Datasheet HTML 8Page - NXP Semiconductors NE57810S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product data
NE57810
Advanced DDR memory termination power
with external reference in
2
2003 Sep 12
DESCRIPTION
The NE57810 is designed to provide power for termination of a
Double Data Rate (DDR) SDRAM memory bus. It significantly
reduces parts count, board space, and overall system cost
compared to previous solutions.
The NE57810 DDR termination regulator maintains an output
voltage (DDR reference bus voltage) that is one-half that of the RAM
supply voltage. It is capable of providing up to
±3.5 A for sustained
periods. Overcurrent limiting protects the NE57810 from inrush
currents at start-up, and overtemperature shutdown protects the
device in extreme temperature situations.
The SPAK-5 (SOT756) package is thermally robust for flexibility of
thermal design. Because the NE57810 is a linear regulator, no
external inductors or switching FETs are necessary. Fast response
to load changes reduces the need for output capacitors.
FEATURES
Fast transient response time
Overtemperature protection
Overcurrent protection
Commercial (0 °C to +70 °C) temperature range
Reduced need for external components
(switching FETs, inductors, decoupling capacitors)
Internal divider maintains termination voltage at 1/
2 memory
supply voltage
Reference out for other memory and control components
Optional external voltage reference in for flexible application
Compatible with DDR-I (V
DD = 2.5 V) or DDR-II (VDD = 1.8 V)
SDRAM systems
APPLICATIONS
Desktop microcomputer systems
Workstations
Servers
Game machines
Set top boxes
Embedded systems
Digital video recorders
SIMPLIFIED SYSTEM DIAGRAM
DIMM0
DIMM1
Control & Address
Data
NE57810
ExtRefIn
(optional)
RefOut
MEMORY
CONTROLLER
RS
20
Ω (typical)
RT
27
Ω (typical)
TERMINATION
POWER
VTT
0.1
µF
100
µF
SL01669
Figure 1.
Simplified system diagram.


Similar Part No. - NE57810S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57810S NXP-NE57810S Datasheet
95Kb / 16P
   Advanced DDR memory termination power with external reference voltage in
Rev. 04-24 November 2008
More results

Similar Description - NE57810S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57810 NXP-NE57810 Datasheet
95Kb / 16P
   Advanced DDR memory termination power with external reference voltage in
Rev. 04-24 November 2008
NE57810TK NXP-NE57810TK Datasheet
285Kb / 18P
   Advanced DDR memory termination power with external reference voltage in
Rev.5-9 January2013
NE57811 PHILIPS-NE57811 Datasheet
138Kb / 13P
   Advanced DDR memory termination power with shutdown
2003 Apr 02
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR Memory Termination
logo
Maxim Integrated Produc...
MAX1809 MAXIM-MAX1809 Datasheet
803Kb / 17P
   3A, 1MHz, DDR Memory Termination Supply
19-2142; Rev 1; 9/02
logo
STMicroelectronics
PM8908 STMICROELECTRONICS-PM8908 Datasheet
381Kb / 28P
   Monolithic buck converter for DDR memory termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com