Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU044-1212B8 Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU044-1212B8
Description  CITILED COB Series VIVID Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU044-1212B8 Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU044-1212B8 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU044-1212B8 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU044-1212B8 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU044-1212B8 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU044-1212B8 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU044-1212B8 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU044-1212B8 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLU044-1212B8 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLU044-1212B8 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Ref.CE-P3679 04/16
1 6 5 5 0 0 1
(2)
(1)
(3)
Example of indication label
1. TYPE
e.g. CLU044-1212B8
2. P.No. ( Cutomer's P/N )
3. Lot No.
e.g.
4. Quantity
(1) Last two digit of the year
16 : year 2016
(2) Production month
5 : May
Note: October, November and December are designated X,Y and Z.
(3) CE's control number
6. Packing Specification
6-1. Packing
9
An empty tray is placed on top of a 6-tier tray which contain 30 pieces each.
(Smallest packing unit: 180 pieces)
A label with product name, quantity and lot number is placed on the upper empty tray.
Tray (Dimensions: 310×210×12 mm / Materials: Electrically conductive PS)
CUSTOMER
TYPE
P.NO
Lot No
Q'ty
: CLU***-******-*******
: ******
: *******
: ***
--- ( 1 )
--- ( 2 )
--- ( 3 )
--- ( 4 )


Similar Part No. - CLU044-1212B8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU044-1812B8 CITIZEN-CLU044-1812B8 Datasheet
659Kb / 14P
   CITILED COB Series VIVID Type
More results

Similar Description - CLU044-1212B8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU034-1206B8 CITIZEN-CLU034-1206B8 Datasheet
684Kb / 14P
   CITILED COB Series VIVID Type
CLU034-1208B8 CITIZEN-CLU034-1208B8 Datasheet
684Kb / 14P
   CITILED COB Series VIVID Type
CLU024-1204B8 CITIZEN-CLU024-1204B8 Datasheet
690Kb / 14P
   CITILED COB Series VIVID Type
CLU044-1812B8 CITIZEN-CLU044-1812B8 Datasheet
659Kb / 14P
   CITILED COB Series VIVID Type
CLU700-1002C1 CITIZEN-CLU700-1002C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0603C1 CITIZEN-CLU700-0603C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1 Datasheet
713Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0303C1 CITIZEN-CLU700-0303C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0602C1 CITIZEN-CLU700-0602C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1 CITIZEN-CLU720-1206C1 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com