Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU036-1208C1 Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU036-1208C1
Description  CITILED COB Series Standard Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU036-1208C1 Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU036-1208C1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Ref.CE-P3082 04/15
1. Introduction
1-1. Product Description
1-2. Features
CITIZEN ELECTRONICS is the first COB manufacture. Our advanced knowledge and packaging technology for many
years has excellent reliability and high quality of our products. CITILED COB Series covers a wide range of luminous flux
from a 10W incandescent bulb to a 300W mercury lamp in general lighting sources. The element arrangement of LED
package is capable of utilizing light more effectively and higher performance.
The new version of CITILED COB series increase the performance significantly from previous version. New version
creates more options to match luminaire's products design (ex. High performance , Cost effective , Small Light Emitting
Surface(LES), Increased allowable max. If). Emitted light density of the LED package is improved higher for suitable use of
light-condensing products. The outline and LES size is the same as for previous version. Thus existing parts of 3rd
parties are compatible in mechanical characteristics. All of specs are at hot binning (Tj=85℃).
2
Mechanical Dimensions
: 19.0×19.0×1.4 (mm)
Package Structure
: Aluminum Base Chip on Board
Reference Assembly
: M3 screw, Connector
CRI (Ra)
: 80Min., 70Min.
Nominal CCT
: 2,700K, 3,000K, 3,500K, 4,000K, 5,000K ,6,500K ( CRI(Ra) 80Min. )
3,000K, 4,000K, 5,000K ( CRI(Ra) 70Min. )
Chromaticity Range
: 3-step MacAdam Ellipse, the center refers to ANSI C78.377:2011. ( CRI(Ra) 80Min. )
ANSI C78.377:2011. compliant ( CRI(Ra) 70Min. )
Thermal Resistance
: 0.78C/W
Maximum drive current
: 1840mA
RoHS compliant
Better die arrangement for optics
Wide range of luminous flux and high efficacy
Improved lumen density compared with previous version
CLU036 - 12 08 C1 - 27 3 M2 G2
[1]
[2]
[3]
[4]
[5]
[1]
[2]
[3]
[4]
[5]
Product Nomenclature
CRI (Ra)
CLU036
12
08
2700K
Min.80
Product shape
Die count in series
Die count in parallel
Nominal CCT


Similar Part No. - CLU036-1208C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU036-1205C1 CITIZEN-CLU036-1205C1 Datasheet
749Kb / 15P
   CITILED COB Series Standard Type
CLU036-1206C1 CITIZEN-CLU036-1206C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
More results

Similar Description - CLU036-1208C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU046-1212C1 CITIZEN-CLU046-1212C1 Datasheet
737Kb / 15P
   CITILED COB Series Standard Type
CLU026-1204C1 CITIZEN-CLU026-1204C1 Datasheet
751Kb / 15P
   CITILED COB Series Standard Type
CLU026-1203C1 CITIZEN-CLU026-1203C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU026-1201C1 CITIZEN-CLU026-1201C1 Datasheet
751Kb / 15P
   CITILED COB Series Standard Type
CLU056-3618C1 CITIZEN-CLU056-3618C1 Datasheet
736Kb / 15P
   CITILED COB Series Standard Type
CLU036-1206C1 CITIZEN-CLU036-1206C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU026-1202C1 CITIZEN-CLU026-1202C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU038-1208C4 CITIZEN-CLU038-1208C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type
CLU048-1211C4 CITIZEN-CLU048-1211C4 Datasheet
756Kb / 15P
   CITILED COB Series Standard Type
CLU036-1205C1 CITIZEN-CLU036-1205C1 Datasheet
749Kb / 15P
   CITILED COB Series Standard Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com