Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU026-1203C1 Datasheet(PDF) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU026-1203C1
Description  CITILED COB Series Standard Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU026-1203C1 Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU026-1203C1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU026-1203C1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU026-1203C1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU026-1203C1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU026-1203C1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU026-1203C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU026-1203C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU026-1203C1 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU026-1203C1 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Ref.CE-P3078 04/15
Spectrum : CRI(Ra) 70Min.
Tj=85℃
If=270mA
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wave length [nm]
5000K
4000K
3000K
Spectrum : CRI(Ra) 80Min.
Tj=85℃
If=270mA
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wave length [nm]
6500K
5000K
4000K
3500K
3000K
2700K
4-2. Optical Characteristics
7


Similar Part No. - CLU026-1203C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU026-1201C1 CITIZEN-CLU026-1201C1 Datasheet
751Kb / 15P
   CITILED COB Series Standard Type
CLU026-1202C1 CITIZEN-CLU026-1202C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU026-1204C1 CITIZEN-CLU026-1204C1 Datasheet
751Kb / 15P
   CITILED COB Series Standard Type
More results

Similar Description - CLU026-1203C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU046-1212C1 CITIZEN-CLU046-1212C1 Datasheet
737Kb / 15P
   CITILED COB Series Standard Type
CLU026-1204C1 CITIZEN-CLU026-1204C1 Datasheet
751Kb / 15P
   CITILED COB Series Standard Type
CLU026-1201C1 CITIZEN-CLU026-1201C1 Datasheet
751Kb / 15P
   CITILED COB Series Standard Type
CLU056-3618C1 CITIZEN-CLU056-3618C1 Datasheet
736Kb / 15P
   CITILED COB Series Standard Type
CLU036-1206C1 CITIZEN-CLU036-1206C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU026-1202C1 CITIZEN-CLU026-1202C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU036-1208C1 CITIZEN-CLU036-1208C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU038-1208C4 CITIZEN-CLU038-1208C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type
CLU048-1211C4 CITIZEN-CLU048-1211C4 Datasheet
756Kb / 15P
   CITILED COB Series Standard Type
CLU036-1205C1 CITIZEN-CLU036-1205C1 Datasheet
749Kb / 15P
   CITILED COB Series Standard Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com