Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL032-1206A5-273M1A2 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL032-1206A5-273M1A2
Description  This data sheet is applied to the LED package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL032-1206A5-273M1A2 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CLL032-1206A5-273M1A2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLL032-1206A5-273M1A2 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLL032-1206A5-273M1A2 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL032-1206A5-273M1A2 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL032-1206A5-273M1A2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL032-1206A5-273M1A2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL032-1206A5-273M1A2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL032-1206A5-273M1A2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL032-1206A5-273M1A2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3. Outline drawing - Marking
Marking 1 : Serial No.
Marking 2 :
A 12 06 27 M1
CRI
CCT
Dies in parallel quantity
Dies in series quantity
CLL032
4. Performance
(1) Absolute Maximum Rating
*1
*1
*2
*3
*1 Input power and forward current are the values when the LED is used within the range of
the derating curve in this data sheet.
*2 Refer to 3. Outline drawing for Tc measurement point
*3 D.C. Current : Tj = Tc + Rj-c X Pi
mA
30
mA
Symbol
Rating Value
Unit
Reverse Current
IR
Parameter
1
mA
Mnimum current
IF min
2/11
Junction Temperature
C
Storage Temperature
Tst
-40 ~ +100
C
Operating Temperature
32.2
W
DATA SHEET
Tj
140
C
Case Temperature
Tc
100
C
Input Power
Pi
Forward Current
IF
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Symbol
CITILED
Name
CLL032-1206A5-273M1A2
Top
-30 ~ +85
720
Unit : mm
Tolerances unless otherwise specified : +/-0.3
Anode
Cathode
Marking 2
Marking 1
(Tc Measurement Point)
Resin area (including white resin)
Anode
Cathode
×12
×12
×12
×12
×12
×12
Protection device
Ref.CE-P2291 03/13 R1(1013)


Similar Part No. - CLL032-1206A5-273M1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL032-1206A5-273H3D2 CITIZEN-CLL032-1206A5-273H3D2 Datasheet
851Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273H6D2 CITIZEN-CLL032-1206A5-273H6D2 Datasheet
922Kb / 12P
   This data sheet is applied to the LED package
More results

Similar Description - CLL032-1206A5-273M1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL032-1205A5-273H3D2 CITIZEN-CLL032-1205A5-273H3D2 Datasheet
1Mb / 12P
   This data sheet is applied to the LED package
CLL130-0101C1-273M1F2 CITIZEN-CLL130-0101C1-273M1F2 Datasheet
621Kb / 13P
   This data sheet is applied to the LED package
CLL130-0101B2-353M1C5 CITIZEN-CLL130-0101B2-353M1C5 Datasheet
495Kb / 14P
   This data sheet is applied to the LED package
CLL130-0101B2-65AM1C5 CITIZEN-CLL130-0101B2-65AM1C5 Datasheet
490Kb / 14P
   This data sheet is applied to the LED package
CLL032-1206A5-50KL1A1 CITIZEN-CLL032-1206A5-50KL1A1 Datasheet
377Kb / 12P
   This data sheet is applied to the LED package
CLL620-0101B2-65AM1C5 CITIZEN-CLL620-0101B2-65AM1C5 Datasheet
492Kb / 16P
   This data sheet is applied to the LED package
CLL130-0101C1-28GV1J4 CITIZEN-CLL130-0101C1-28GV1J4 Datasheet
670Kb / 14P
   This data sheet is applied to the LED package
CLL032-1212A5-273M1A2 CITIZEN-CLL032-1212A5-273M1A2 Datasheet
384Kb / 12P
   This data sheet is applied to the LED package
CLL032-1208A5-273M1A2 CITIZEN-CLL032-1208A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273H3D2 CITIZEN-CLL032-1206A5-273H3D2 Datasheet
851Kb / 12P
   This data sheet is applied to the LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com