Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBP3005 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # GBP3005
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GBP3005 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  GBP3005 Datasheet HTML 1Page - SUNMATE electronic Co., LTD GBP3005 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE: 50 - 1000V
1 of 2
Terminals: Leads solderable per MIL-STD-202,
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP3005-GBP310
Method 208
Mounting position: Any
Weight: 0.06 ounce, 1.7 grams
D
D
D
D
D
D
D
D
Features
Mechanical Data
www.sunmate.tw
Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique
Surge overload rating : 70 Amperes peak
CURRENT: 3.0 A
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
-
~
~
+
14.5± 0.25
4.0± 0.2
0.75± 0.1
1.5± 0.15
3.6± 0.15
2.5± 0.2
0.5± 0.1
GBP
Dimensions in millimeters
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 1.5
A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
70
35
5
0
- 55 ---- + 150
- 55 ---- + 150
IR
A
5.0
IF(AV)
3.
0
A
100
1.0
0.5
70
IFSM
140
280
420
560
700
50
100
GBP3005 GBP301 GBP302 GBP304 GBP306 GBP308 GBP310
Symbol
Characteristic
Unit
Case: Molded Plastic
D


Similar Part No. - GBP3005

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBP3005 CHENG-YI-GBP3005 Datasheet
175Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Zibo Seno Electronic En...
GBP3005 ZSELEC-GBP3005 Datasheet
85Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBP3005 LUGUANG-GBP3005 Datasheet
165Kb / 2P
   Silicon Bridge Rectifiers
logo
SAMYANG ELECTRONICS CO....
GBP3005 SAMYANG-GBP3005 Datasheet
2Mb / 3P
   Bridge Rectifiers
logo
Diode Semiconductor Kor...
GBP3005 DSK-GBP3005 Datasheet
163Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - GBP3005

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com