Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBP206 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # GBP206
Description  GLASS PASSIVATED BR1DGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GBP206 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  GBP206 Datasheet HTML 1Page - SUNMATE electronic Co., LTD GBP206 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 2.0 A
VOLTAGE RANGE: 50 - 1000V
1 of 2
GLASS PASSIVATED BR1DGE RECTIFIER
GBP2005-GBP210
!
Glass Passivated Die Construction
!
!
!
High Reliability
!
Ideal for Printed Circuit Boards
                
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
!
Polarity: As Marked on Body
!
Weight: 2.0 grams (approx.)
!
Mounting Position: Any
!
Characteristic
Symbol
GBP
2005
GBP
201
GBP
202
GBP
204
GBP
206
GBP
208
GBP
210
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 50°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage (per bridge)
@IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IR
10
1.0
µA
mA
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Features
Mechanical Data
www.sunmate.tw
Low Forward Voltage Drop
High Current Capability
High Surge Current Capability
MIL-STD-202, Method 208
Marking: Type Number
!
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
-
~
~
+
14.5± 0.25
4.0± 0.2
0.75± 0.1
1.5± 0.15
3.6± 0.15
2.5± 0.2
0.5± 0.1
GBP
Dimensions in millimeters


Similar Part No. - GBP206

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBP206 PANJIT-GBP206 Datasheet
39Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Diode Semiconductor Kor...
GBP206 DSK-GBP206 Datasheet
166Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
GBP206 EIC-GBP206 Datasheet
118Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 00 : July 5, 2007
logo
Won-Top Electronics
GBP206 WTE-GBP206 Datasheet
47Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBP206 CHONGQING-GBP206 Datasheet
200Kb / 2P
   SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBP206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
1N4001G ETC2-1N4001G Datasheet
155Kb / 2P
   GLASS PASSIVATED RECTIFIER
1N5391G ETC2-1N5391G Datasheet
154Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SAMYANG ELECTRONICS CO....
HER301G SAMYANG-HER301G Datasheet
433Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RL151G-157G WINNERJOIN-RL151G-157G Datasheet
96Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
8AF05 MIC-8AF05 Datasheet
64Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Digitron Semiconductors
1N5624 DIGITRON-1N5624 Datasheet
128Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GPP30 CHENG-YI-GPP30 Datasheet
110Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Galaxy Semi-Conductor H...
UF4001G BILIN-UF4001G Datasheet
82Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
1G1-1G7 ETC2-1G1-1G7 Datasheet
112Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com