Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC1001 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # KBPC1001
Description  HIGH CURRENT BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

KBPC1001 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  KBPC1001 Datasheet HTML 1Page - SUNMATE electronic Co., LTD KBPC1001 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
1.2
1.4
1.6
1.8
.01
0.1
1.0
TJ=25
Pulse Width
=300uS
0.6
0.8
10
2.0
100
10
040
60
20
100
120
140
80
TJ=25
0.1
1.0
.01
Tc=100
0
2
4
050
100
TA=50
6
8
150
Resistive or
Inductive Load
Tc=50
10
CA
SE
0
1
100
10
8.3ms Single Half Sine Wave
TJ=125
30
60
90
120
150
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.2 -- FORWARD DERATING CURVE
FIG.1 -- PEAK FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
2 of 2
www.sunmate.tw


Similar Part No. - KBPC1001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1001 WTE-KBPC1001 Datasheet
47Kb / 3P
   10A HIGH CURRENT BRIDGE RECTIFIER
logo
RFE international
KBPC1001 RFE-KBPC1001 Datasheet
1Mb / 3P
   Bridge Rectifiers
12-21-2022
logo
SEMTECH ELECTRONICS LTD...
KBPC1001 SEMTECH_ELEC-KBPC1001 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Suntan Capacitors
KBPC1001 SUNTAN-KBPC1001 Datasheet
216Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC1001 JGD-KBPC1001 Datasheet
124Kb / 2P
   SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBPC1001

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
GBPC15A DIOTECH-GBPC15A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC25A DIOTECH-GBPC25A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC35A DIOTECH-GBPC35A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
KBPC35A DIOTECH-KBPC35A Datasheet
926Kb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC15 DIOTECH-GBPC15 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
Comchip Technology
KBPC COMCHIP-KBPC Datasheet
59Kb / 3P
   High Current Bridge Rectifier
logo
Diotech Company.
KBPC25A DIOTECH-KBPC25A Datasheet
926Kb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
KBPC15A DIOTECH-KBPC15A Datasheet
926Kb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
KBPC50A DIOTECH-KBPC50A Datasheet
926Kb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
Comchip Technology
MB1005-1010 COMCHIP-MB1005-1010 Datasheet
73Kb / 2P
   High Current Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com