Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C9654 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S3C9654
Description  MICROCONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C9654 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S3C9654 Datasheet HTML 7Page - Samsung semiconductor S3C9654 Datasheet HTML 8Page - Samsung semiconductor S3C9654 Datasheet HTML 9Page - Samsung semiconductor S3C9654 Datasheet HTML 10Page - Samsung semiconductor S3C9654 Datasheet HTML 11Page - Samsung semiconductor S3C9654 Datasheet HTML 12Page - Samsung semiconductor S3C9654 Datasheet HTML 13Page - Samsung semiconductor S3C9654 Datasheet HTML 14Page - Samsung semiconductor S3C9654 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ELECTRICAL DATA
S3C9654/C9658/P9658
15-2
Table 15-1. Absolute Maximum Ratings
(TA = 25°C)
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage
VDD
– 0.3 to + 6.5
V
Input voltage
VI
All ports
– 0.3 to VDD + 0.3
V
Output voltage
VO
All output ports
– 0.3 to VDD + 0.3
V
Output current high
I OH
One I/O pin active
– 18
mA
All I/O pins active
– 60
Output current low
I OL
One I/O pin active (except P0.0)
+ 30
mA
Total pin current for ports 0, 1, 2
(except P0.0)
+ 100
P0.0
+ 50
Operating
temperature
TA
0 to + 85
°C
Storage
temperature
TSTG
– 60 to + 150


Similar Part No. - S3C9654

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9644 SAMSUNG-S3C9644 Datasheet
179Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9648 SAMSUNG-S3C9648 Datasheet
179Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
More results

Similar Description - S3C9654

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com