Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD2.2ES Datasheet(PDF) 5 Page - EIC discrete Semiconductors

Part # RD2.2ES
Description  ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD2.2ES Datasheet(HTML) 5 Page - EIC discrete Semiconductors

  RD2.2ES Datasheet HTML 1Page - EIC discrete Semiconductors RD2.2ES Datasheet HTML 2Page - EIC discrete Semiconductors RD2.2ES Datasheet HTML 3Page - EIC discrete Semiconductors RD2.2ES Datasheet HTML 4Page - EIC discrete Semiconductors RD2.2ES Datasheet HTML 5Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FIG.1 - POWER DISSIPATION vs.
FIG.2 - TEMPERATURE COEFFICIENT vs.
AMBIENT TEMPERATURE
ZENER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
Page 5 of 5
Rev. 07 : June 10, 2014
RATING AND CHARACTERISTIC CURVES ( RD2.0ES SERIES )
400
300
200
100
500
0
0.10
0.08
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
-0.08
-0.10
%/°C
mV/°C
AMBIENT TEMPERATURE, Ta ( °C)
ZENER VOLTAGE, V
Z (V)
32
24
16
8
0
-8
-16
-24
-32
-40
40
RD2.0ES TO RD39ES
www.eicsemi.com


Similar Part No. - RD2.2ES

ManufacturerPart #DatasheetDescription
logo
NEC
RD2.2ES NEC-RD2.2ES Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD2.2ES

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com