Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD6.8ES Datasheet(PDF) 4 Page - EIC discrete Semiconductors

Part # RD6.8ES
Description  ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD6.8ES Datasheet(HTML) 4 Page - EIC discrete Semiconductors

  RD6.8ES Datasheet HTML 1Page - EIC discrete Semiconductors RD6.8ES Datasheet HTML 2Page - EIC discrete Semiconductors RD6.8ES Datasheet HTML 3Page - EIC discrete Semiconductors RD6.8ES Datasheet HTML 4Page - EIC discrete Semiconductors RD6.8ES Datasheet HTML 5Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Test
Maximum Zener
(2)
Maximum
Current
Impedance
Reverse Current
IZT
ZZT @ IZT
IR
at VR
min.
max.
(mA)
(
Ω)
(
µA)
(V)
Suffix
Zener Voltage
(1)
Type
Vz (V) at IZT
AB
20.23
22.61
AB1
20.23
21.08
AB2
20.76
21.65
AB3
21.22
22.09
AB4
21.68
22.61
AB
22.26
24.81
AB1
22.26
23.12
AB2
22.75
23.73
AB3
23.29
24.27
AB4
23.81
24.81
AB
24.26
27.64
AB1
24.26
25.52
AB2
24.97
26.26
AB3
25.63
26.95
AB4
26.29
27.64
AB
26.99
30.51
AB1
26.99
28.39
AB2
27.70
29.13
AB3
28.36
29.82
AB4
29.02
30.51
AB
29.68
33.11
AB1
29.68
31.22
AB2
30.32
31.88
AB3
30.90
32.50
AB4
31.49
33.11
AB
32.14
35.77
AB1
32.14
33.79
AB2
32.79
34.49
AB3
33.40
35.13
AB4
34.01
35.77
AB
34.68
38.52
AB1
34.68
36.47
AB2
35.36
37.19
AB3
36.00
37.85
AB4
36.63
38.52
Notes :
(1) Tested with pulse (40 ms )
(2) ZZ is measured at IZ by given a very small A.C. current signal.
(3) Suffix AB is Suffix AB1, AB2, AB3, or AB4
Page 4 of 5
Rev. 07 : June 10, 2014
30
0.2
25
5
75
RD39ES
5
85
RD36ES
65
0.2
27
0.2
RD33ES
5
0.2
23
RD30ES
5
55
17
0.2
21
0.2
19
0.2
RD22ES
RD27ES
5
45
RD24ES
5
30
5
30
www.eicsemi.com


Similar Part No. - RD6.8ES

ManufacturerPart #DatasheetDescription
logo
NEC
RD6.8ES NEC-RD6.8ES Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD6.8ES

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com