Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2301BDS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI2301BDS
Description  P-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2301BDS Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2301BDS Datasheet HTML 1Page - Vishay Siliconix SI2301BDS Datasheet HTML 2Page - Vishay Siliconix SI2301BDS Datasheet HTML 3Page - Vishay Siliconix SI2301BDS Datasheet HTML 4Page - Vishay Siliconix SI2301BDS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si2301BDS
Vishay Siliconix
www.vishay.com
2
Document Number: 72066
S-31990—Rev. B, 13-Oct-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = -250 mA
-20
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 mA
-0.45
-0.95
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -20 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = -20 V, VGS = 0 V, TJ = 55_C
-10
mA
On State Drain Currenta
ID( )
VDS v -5 V, VGS = -4.5 V
-6
A
On-State Drain Currenta
ID(on)
VDS v -5 V, VGS = -2.5 V
-3
A
Drain Source On Resistancea
rDS( )
VGS = -4.5 V, ID = -2.8 A
0.080
0.100
W
Drain-Source On-Resistancea
rDS(on)
VGS = -2.5 V, ID = -2.0 A
0.110
0.150
W
Forward Transconductancea
gfs
VDS = -5 V, ID = -2.8 A
6.5
S
Diode Forward Voltage
VSD
IS = -0.75 A, VGS = 0 V
-0.80
-1.2
V
Dynamicb
Total Gate Charge
Qg
4.5
10
Gate-Source Charge
Qgs
VDS = -6 V, VGS = -4.5 V
ID ^ -2.8 A
0.7
nC
Gate-Drain Charge
Qgd
ID ^ -2.8 A
1.1
Input Capacitance
Ciss
375
Output Capacitance
Coss
VDS = -6 V, VGS = 0, f = 1 MHz
95
pF
Reverse Transfer Capacitance
Crss
65
Switchingc
Turn On Time
td(on)
20
30
Turn-On Time
tr
VDD = -6 V, RL = 6 W
ID ^ -10 A VGEN = -45 V
40
60
ns
Turn-Off Time
td(off)
ID ^ -1.0 A, VGEN = -4.5 V
RG = 6 W
30
45
ns
Turn-Off Time
tf
20
30
Notes
a.
Pulse test: PW v300 ms duty cycle v2%.
b.
For DESIGN AID ONLY, not subject to production testing.
c.
Switching time is essentially independent of operating temperature. S FaxBack 408-970-5600


Similar Part No. - SI2301BDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2301BDS VISHAY-SI2301BDS Datasheet
93Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. D, 03-Mar-08
SI2301BDS VISHAY-SI2301BDS Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI2301BDS VISHAY-SI2301BDS Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
logo
Guangdong Kexin Industr...
SI2301BDS KEXIN-SI2301BDS Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
logo
Vishay Siliconix
SI2301BDS VISHAY-SI2301BDS Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI2301BDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com