Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD36ES Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RD36ES
Description  ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD36ES Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RD36ES Datasheet HTML 1Page - EIC discrete Semiconductors RD36ES Datasheet HTML 2Page - EIC discrete Semiconductors RD36ES Datasheet HTML 3Page - EIC discrete Semiconductors RD36ES Datasheet HTML 4Page - EIC discrete Semiconductors RD36ES Datasheet HTML 5Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RD2.0ES SERIES
ZENER DIODES
VZ : 2.0 - 37.5Volts
PD : 400 mW
FEATURES :
* High reliability
* Low leakage current
* Suitable for 5mm - pitch high speed automatical
insertion
* Pb / RoHS Free
MECHANICAL DATA
Case: DO-34 Glass Case
Weight: approx. 0.093g
ORDERING INFORMATION
RD2.0ES to RD39ES with suffix "AB1", "AB2", or "AB3"
should be applied for oders for suffix "AB"
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Parameter
Symbol
Value
Unit
Forward Rectifier Current
150
mA
Power Dissipation
PD
400
mW
Surge Reverse Power (t = 10
µs)
PRSM
100
W
Junction Temperature
Tj
175
°C
Storage Temperature Range
Tstg
- 65 to + 175
°C
Page 1 of 5
Rev. 07 : June 10, 2014
IF
DO - 34 Glass
Dimensions in inches and ( millimeters )
0.078 (2.0 )max.
0.118 (3.0)
max.
0.017 (0.43)max.
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
www.eicsemi.com


Similar Part No. - RD36ES

ManufacturerPart #DatasheetDescription
logo
NEC
RD36ES NEC-RD36ES Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD36ES

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com