Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA300 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA300
Description  Overcurrent-Protection, Current-Sense Comparator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 4 Page - Texas Instruments

  INA300_16 Datasheet HTML 1Page - Texas Instruments INA300_16 Datasheet HTML 2Page - Texas Instruments INA300_16 Datasheet HTML 3Page - Texas Instruments INA300_16 Datasheet HTML 4Page - Texas Instruments INA300_16 Datasheet HTML 5Page - Texas Instruments INA300_16 Datasheet HTML 6Page - Texas Instruments INA300_16 Datasheet HTML 7Page - Texas Instruments INA300_16 Datasheet HTML 8Page - Texas Instruments INA300_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
INA300
SBOS613B – FEBRUARY 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA300
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– terminals, respectively.
(3)
Input voltage may exceed the voltage shown if the current at that terminal is limited to 5 mA.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VS
6
V
Analog inputs (IN+, IN–)
Differential (VIN+) – (VIN–)
(2)
–40
40
V
Common-mode (3)
GND – 0.3
40
Analog input
LIMIT
GND – 0.3
(VS) + 0.3
V
Digital inputs
LATCH, DELAY, ENABLE, HYS
GND – 0.3
(VS) + 0.3
V
Alert output
GND – 0.3
6
V
Operating temperature
–40
125
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
12
V
VS
Operating supply voltage
2.7
3.3
5.5
V
Delay setting
100
µs
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
INA300
UNIT
DSQ (WSON)
DGS (VSSOP)
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
63.5
169.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
79.5
59.1
°C/W
RθJB
Junction-to-board thermal resistance
33.9
89.6
°C/W
ψJT
Junction-to-top characterization parameter
7.8
8.5
°C/W
ψJB
Junction-to-board characterization parameter
34.3
88.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.5
n/a
°C/W


Similar Part No. - INA300_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA300 TI-INA300_15 Datasheet
1Mb / 38P
[Old version datasheet]   INA300 High- or Low-Side, Current-Sense Comparator
INA300 TI-INA300_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA300 High- or Low-Side, Current-Sense Comparator
More results

Similar Description - INA300_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
[Old version datasheet]   Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
STMicroelectronics
STCC5011 STMICROELECTRONICS-STCC5011 Datasheet
1Mb / 37P
   Constant current mode overcurrent protection
August 2014 Rev 6
logo
Texas Instruments
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
[Old version datasheet]   Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
INA381-Q1 TI1-INA381-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
MAX34406 MAXIM-MAX34406_12 Datasheet
1Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Rohm
BA8391G ROHM-BA8391G Datasheet
2Mb / 57P
   Ground Sense Comparator
LM393F ROHM-LM393F Datasheet
1Mb / 23P
   Ground Sense Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com