Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA300AIDGST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA300AIDGST
Description  Overcurrent-Protection, Current-Sense Comparator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300AIDGST Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA300AIDGST Datasheet HTML 2Page - Texas Instruments INA300AIDGST Datasheet HTML 3Page - Texas Instruments INA300AIDGST Datasheet HTML 4Page - Texas Instruments INA300AIDGST Datasheet HTML 5Page - Texas Instruments INA300AIDGST Datasheet HTML 6Page - Texas Instruments INA300AIDGST Datasheet HTML 7Page - Texas Instruments INA300AIDGST Datasheet HTML 8Page - Texas Instruments INA300AIDGST Datasheet HTML 9Page - Texas Instruments INA300AIDGST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
±500
±450
±400
±350
±300
±250
±200
±150
±100
±50
0
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
100 us
50 us
10 us
C005
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C006
Offset Voltage (µV)
C003
±600
±500
±400
±300
±200
±100
0
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
Delay = 100 µs
Delay = 50 µs
Delay = 10 µs
C004
Offset Voltage (µV)
C001
Offset Voltage (µV)
C002
6
INA300
SBOS613B – FEBRUARY 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA300
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
at TA = 25°C, VS = 3.3 V, VIN+ = 12 V, alert pull-up resistor = 10 kΩ, and Delay = 100 µs (unless otherwise noted)
Figure 1. Input Offset Voltage (Delay = 10 µs)
Figure 2. Input Offset Voltage (Delay = 50 µs)
Figure 3. Input Offset Voltage (Delay = 100 µs)
Figure 4. Input Offset Voltage vs Supply Voltage
Figure 5. Input Offset Voltage vs Temperature
Figure 6. Common-Mode Rejection Ratio vs Temperature


Similar Part No. - INA300AIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA300AQDGSRQ1 TI1-INA300AQDGSRQ1 Datasheet
162Kb / 5P
[Old version datasheet]   Automotive-Grade, High- or Low-Side, Current-Sense Comparator
More results

Similar Description - INA300AIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
[Old version datasheet]   Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
STMicroelectronics
STCC5011 STMICROELECTRONICS-STCC5011 Datasheet
1Mb / 37P
   Constant current mode overcurrent protection
August 2014 Rev 6
logo
Texas Instruments
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
[Old version datasheet]   Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
INA381-Q1 TI1-INA381-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
MAX34406 MAXIM-MAX34406_12 Datasheet
1Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Rohm
BA8391G ROHM-BA8391G Datasheet
2Mb / 57P
   Ground Sense Comparator
LM393F ROHM-LM393F Datasheet
1Mb / 23P
   Ground Sense Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com