Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA301-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA301-Q1
Description  Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA301-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  INA301-Q1 Datasheet HTML 1Page - Texas Instruments INA301-Q1 Datasheet HTML 2Page - Texas Instruments INA301-Q1 Datasheet HTML 3Page - Texas Instruments INA301-Q1 Datasheet HTML 4Page - Texas Instruments INA301-Q1 Datasheet HTML 5Page - Texas Instruments INA301-Q1 Datasheet HTML 6Page - Texas Instruments INA301-Q1 Datasheet HTML 7Page - Texas Instruments INA301-Q1 Datasheet HTML 8Page - Texas Instruments INA301-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
VS
GND
OUT
ALERT
IN+
IN±
Load
Supply
(0 V to 36 V)
2.7 V to 5.5 V
RPULL-UP
10 k
RLIMIT
RESET
+
INA301-Q1
CBYPASS
0.1 F
LIMIT
GPIO
GPIO
ADC
DAC
Microcontroller
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA301-Q1
SBOS786A – APRIL 2016 – REVISED JUNE 2016
INA301-Q1 36-V, Automotive, High-Speed, Zero-Drift, Voltage-Output
Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C6
Wide Common-Mode Input Range: 0 V to 36 V
Dual Output: Amplifier and Comparator Output
High Accuracy Amplifier:
Offset Voltage: 35 µV (Max)
Offset Voltage Drift: 0.5 µV/°C (Max)
Gain Error: 0.1% (Max)
Gain Error Drift: 10 ppm/°C
Available Amplifier Gains:
INA301A1-Q1: 20 V/V
INA301A2-Q1: 50 V/V
INA301A3-Q1: 100 V/V
Programmable Alert Threshold Set Through a
Single Resistor
Total Alert Response Time: 1 µs
Open-Drain Output With Both Transparent and
Latching Modes
Package: VSSOP-8
2 Applications
Solenoid Control
Low-Side Motor Monitoring
Electronic Power Steering
Power Seats
Power Windows
Body Control Modules
Electronic Control Units
Overcurrent Protection
eFuses
3 Description
The INA301-Q1 includes both a high common-mode,
current-sensing
amplifier
and
a
high-speed
comparator
configured
to
provide
overcurrent
protection
by
measuring
the
voltage
developed
across a current-sensing or current-shunt resistor and
comparing that voltage to a defined threshold limit.
This device features an adjustable limit-threshold
range that is set using a single external limit-setting
resistor.
This
current-shunt
monitor
measures
differential voltage signals on common-mode voltages
that can vary from 0 V up to 36 V, independent of the
supply voltage.
The open-drain alert output can be configured to
operate in either a transparent mode, where the
output status follows the input state, or in a latched
mode, where the alert output is cleared when the
latch is reset. The device alert response time is under
1 µs, allowing for quick detection of overcurrent
events.
This device operates from a single 2.7-V to 5.5-V
supply, drawing a maximum supply current of 700 µA.
The device is specified over the extended operating
temperature range of –40°C to +125°C, and is
available in an 8-pin VSSOP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA301-Q1
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application


Similar Part No. - INA301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA301 TI-INA301 Datasheet
135Kb / 7P
[Old version datasheet]   INA301 36-V, Low- or High-Side, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
List of Unclassifed Man...
INA3010 ETC-INA3010 Datasheet
287Kb / 8P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
Integral Corp.
INA3010D INTEGRAL-INA3010D Datasheet
280Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
List of Unclassifed Man...
INA3010DW ETC-INA3010DW Datasheet
287Kb / 8P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
More results

Similar Description - INA301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
INA225-Q1 TI1-INA225-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   High-Speed Current-Shunt Monitor
INA301 TI-INA301 Datasheet
135Kb / 7P
[Old version datasheet]   INA301 36-V, Low- or High-Side, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
[Old version datasheet]   Overcurrent-Protection, Current-Sense Comparator
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Diodes Incorporated
ZXCT1030 DIODES-ZXCT1030 Datasheet
238Kb / 10P
   High-side current monitor with comparator
logo
Zetex Semiconductors
ZXCT1030 ZETEX-ZXCT1030_07 Datasheet
225Kb / 10P
   High-side current monitor with comparator
logo
Diodes Incorporated
ZXCT1030X8 DIODES-ZXCT1030X8 Datasheet
154Kb / 7P
   HIGH-SIDE CURRENT MONITOR WITH COMPARATOR
logo
Zetex Semiconductors
ZXCT1030 ZETEX-ZXCT1030 Datasheet
103Kb / 6P
   HIGH-SIDE CURRENT MONITOR WITH COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com