Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA301-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA301-Q1
Description  Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA301-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA301-Q1 Datasheet HTML 7Page - Texas Instruments INA301-Q1 Datasheet HTML 8Page - Texas Instruments INA301-Q1 Datasheet HTML 9Page - Texas Instruments INA301-Q1 Datasheet HTML 10Page - Texas Instruments INA301-Q1 Datasheet HTML 11Page - Texas Instruments INA301-Q1 Datasheet HTML 12Page - Texas Instruments INA301-Q1 Datasheet HTML 13Page - Texas Instruments INA301-Q1 Datasheet HTML 14Page - Texas Instruments INA301-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Time (200 ns/div)
VIN * 20 V/V
Alert
VLIMIT
Time (200 ns/div)
VIN * 50 V/V
Alert
VLIMIT
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
79.2
79.4
79.6
79.8
80
80.2
80.4
80.6
80.8
Time (5 Ps/div)
VSUPPLY
VOUT
Time (1 Ps/div)
Input
Output
Time (2 Ps/div)
VCM
VOUT
11
INA301-Q1
www.ti.com
SBOS786A – APRIL 2016 – REVISED JUNE 2016
Product Folder Links: INA301-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VIN+ = 12 V, and alert pullup resistor = 10 kΩ (unless otherwise noted)
4-VPP output step
Figure 25. Voltage Output Falling Step Response
Figure 26. Common-Mode Voltage Transient Response
Figure 27. Start-Up Response
Figure 28. Limit Current Source vs Temperature
Figure 29. Total Propagation Delay (INA301A1-Q1)
Figure 30. Total Propagation Delay (INA301A2-Q1)


Similar Part No. - INA301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA301 TI-INA301 Datasheet
135Kb / 7P
[Old version datasheet]   INA301 36-V, Low- or High-Side, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
List of Unclassifed Man...
INA3010 ETC-INA3010 Datasheet
287Kb / 8P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
Integral Corp.
INA3010D INTEGRAL-INA3010D Datasheet
280Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
List of Unclassifed Man...
INA3010DW ETC-INA3010DW Datasheet
287Kb / 8P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
More results

Similar Description - INA301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
INA225-Q1 TI1-INA225-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   High-Speed Current-Shunt Monitor
INA301 TI-INA301 Datasheet
135Kb / 7P
[Old version datasheet]   INA301 36-V, Low- or High-Side, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
[Old version datasheet]   Overcurrent-Protection, Current-Sense Comparator
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Diodes Incorporated
ZXCT1030 DIODES-ZXCT1030 Datasheet
238Kb / 10P
   High-side current monitor with comparator
logo
Zetex Semiconductors
ZXCT1030 ZETEX-ZXCT1030_07 Datasheet
225Kb / 10P
   High-side current monitor with comparator
logo
Diodes Incorporated
ZXCT1030X8 DIODES-ZXCT1030X8 Datasheet
154Kb / 7P
   HIGH-SIDE CURRENT MONITOR WITH COMPARATOR
logo
Zetex Semiconductors
ZXCT1030 ZETEX-ZXCT1030 Datasheet
103Kb / 6P
   HIGH-SIDE CURRENT MONITOR WITH COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com