Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA337 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA337
Description  INSTRUMENTATION AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA337 Datasheet(HTML) 2 Page - Texas Instruments

  INA337_14 Datasheet HTML 1Page - Texas Instruments INA337_14 Datasheet HTML 2Page - Texas Instruments INA337_14 Datasheet HTML 3Page - Texas Instruments INA337_14 Datasheet HTML 4Page - Texas Instruments INA337_14 Datasheet HTML 5Page - Texas Instruments INA337_14 Datasheet HTML 6Page - Texas Instruments INA337_14 Datasheet HTML 7Page - Texas Instruments INA337_14 Datasheet HTML 8Page - Texas Instruments INA337_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
INA337, INA338
2
SBOS222A
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
INA337
MSOP-8
DGK
–40
°C to +125°C
BIM
INA337AIDGKT
Tape and Reel, 250
"
"""
"
INA337AIDGKR
Tape and Reel, 2500
INA338
MSOP-10
DGS
–40
°C to +125°C
BIL
INA338AIDGST
Tape and Reel, 250
"
"""
"
INA338AIDGSR
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage .................................................................................. +5.5V
Signal Input Terminals: Voltage(2) ......................................... –0.5V to (V+) + 0.5V
Current(2) ........................................................................
±10mA
Output Short-Circuit ................................................................. Continuous
Operating Temperature Range ....................................... –40
°C to +150°C
Storage Temperature Range .......................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
(2) Input terminals are diode clamped to the power-supply rails. Input signals that
can swing more than 0.5V beyond the supply rails should be current limited to
10mA or less.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
1
2
3
4
8
7
6
5
R
1
V+
V
O
R
2
R
1
V
IN–
V
IN+
V–
INA337
MSOP-8
1
2
3
4
5
10
9
8
7
6
R
1
V+
V
O
R
2
Enable
R
1
V
IN–
V
IN+
V–
(Connect to V+)
INA338
MSOP-10
Top View
PIN CONFIGURATION


Similar Part No. - INA337_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA337AIDGKR TI-INA337AIDGKR Datasheet
280Kb / 14P
[Old version datasheet]   Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
INA337AIDGKT TI-INA337AIDGKT Datasheet
280Kb / 14P
[Old version datasheet]   Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA337_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com