Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA332AIDGKTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA332AIDGKTG4
Description  INSTRUMENTATION AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA332AIDGKTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA332AIDGKTG4 Datasheet HTML 3Page - Texas Instruments INA332AIDGKTG4 Datasheet HTML 4Page - Texas Instruments INA332AIDGKTG4 Datasheet HTML 5Page - Texas Instruments INA332AIDGKTG4 Datasheet HTML 6Page - Texas Instruments INA332AIDGKTG4 Datasheet HTML 7Page - Texas Instruments INA332AIDGKTG4 Datasheet HTML 8Page - Texas Instruments INA332AIDGKTG4 Datasheet HTML 9Page - Texas Instruments INA332AIDGKTG4 Datasheet HTML 10Page - Texas Instruments INA332AIDGKTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
INA332, INA2332
7
SBOS216B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = 5V, VCM = VS /2, RL = 10kΩ, and CL = 100pF, unless otherwise noted.
SETTLING TIME vs GAIN
1
10
100
1k
Gain (V/V)
60
50
40
30
20
10
0
Output 2Vp-p
Differential
Input Drive
0.01%
0.1%
PERCENT OVERSHOOT vs LOAD CAPACITANCE
10
100
1k
10k
Load Capacitance (pF)
100
90
80
70
60
50
40
30
20
10
0
Output 100mVp-p
Differential Drive
G = 5
G = 25
SHUTDOWN VOLTAGE vs SUPPLY VOLTAGE
2.5
Supply Voltage (V)
3
3.5
4
4.5
5
5.5
3
2.5
2
1.5
1
0.5
0
Normal Operation Mode
Part Draws Below 1
µA Quiescent Current
Operation in this Region
is not Recommended
Shutdown Mode
SHUTDOWN TRANSIENT BEHAVIOR
50
µs/div
V
SD
V
OUT
25
20
15
10
5
0
Offset Voltage (mV)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
20
18
16
14
12
10
8
6
4
2
0
Offset Voltage (
µV/°C)
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION


Similar Part No. - INA332AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA332AIDGKT BURR-BROWN-INA332AIDGKT Datasheet
292Kb / 17P
   Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA332AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com