Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G123YZPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G123YZPR
Description  SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G123YZPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G123YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC1G123YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC1G123YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC1G123YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC1G123YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC1G123YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC1G123YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC1G123YZPR Datasheet HTML 9Page - Texas Instruments SN74LVC1G123YZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
Switching Characteristics
SN74LVC1G123
SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
WITH SCHMITT-TRIGGER INPUTS
SCES586A – JULY 2004 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
Rext/Cext(2)
B = GND,
A = CLR = VCC
±0.25
II
1.65 V to 5.5 V
µA
A, B, CLR
VI = 5.5 V or GND
±1
Ioff
A, B, Q, CLR
VI or VO = 5.5 V
0
±10
µA
ICC
Quiescent
VI = VCC or GND,
IO = 0
5.5 V
20
µA
1.65 V
165
2.3 V
220
ICC
Active state
VI = VCC or GND,
Rext/Cext = 0.5 VCC
3 V
280
µA
4.5 V
650
5.5 V
975
Ci
VI = VCC or GND
3.3 V
3
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This test is performed with the terminal in the off-state condition.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
VCC = 5 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MIN
TYP
MIN
TYP
MIN
TYP
CLR
8
4
3
2.5
twIN
Pulse duration
ns
A or B trigger
8
4
3
2.5
Cext = 100 pF
5.5
4.5
ns
Rext = 1 kΩ
Cext = 100 µF
1.4
1.1
µs
trr
Pulse retrigger time
Cext = 100 pF
75
45
ns
Rext = 5 kΩ
Cext = 100 µF
1.8
1.4
µs
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A or B
7
18.5
52
4
17
3
11.5
2
7.6
tpd
CLR
Q
5
12.4
34
3
11.5
2
8
1.5
5.5
ns
CLR trigger
7
17.4
54
4
15.5
3
10.5
2
7
6


Similar Part No. - SN74LVC1G123YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G123YZPR TI1-SN74LVC1G123YZPR Datasheet
966Kb / 26P
[Old version datasheet]   Single Retriggerable Monostable Multivibrator
More results

Similar Description - SN74LVC1G123YZPR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G123-Q100 NEXPERIA-74LVC1G123-Q100 Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123 NEXPERIA-74LVC1G123 Datasheet
331Kb / 24P
   Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
logo
Texas Instruments
SN74LV123A-Q1 TI-SN74LV123A-Q1 Datasheet
163Kb / 10P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
SN74LV123A-Q1 TI1-SN74LV123A-Q1_16 Datasheet
897Kb / 24P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
SN74LV123A-EP TI1-SN74LV123A-EP Datasheet
475Kb / 12P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN74LV221A-Q1 TI1-SN74LV221A-Q1 Datasheet
197Kb / 14P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI1-SN54LV123A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrators With Schmitt-Trigger Inputs
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
NXP Semiconductors
74LVC1G123 PHILIPS-74LVC1G123 Datasheet
1Mb / 31P
   Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com