Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD9FN12C Datasheet(PDF) 4 Page - Formosa MS

Part # ESD9FN12C
Description  Chip Transient Voltage Suppressor ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ESD9FN12C Datasheet(HTML) 4 Page - Formosa MS

  ESD9FN12C Datasheet HTML 1Page - Formosa MS ESD9FN12C Datasheet HTML 2Page - Formosa MS ESD9FN12C Datasheet HTML 3Page - Formosa MS ESD9FN12C Datasheet HTML 4Page - Formosa MS ESD9FN12C Datasheet HTML 5Page - Formosa MS ESD9FN12C Datasheet HTML 6Page - Formosa MS ESD9FN12C Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rating and characteristic curves (ESD9FN12C)
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FIG.4- POWER RATING DERATING CURVE
AMBIENT TEMPERATURE( C)
O
0
0
25
50
75
100
125
150
20
40
60
80
100
120
100
30
0
020
40
60
t, TIME (us)
FIG.1- 8 X 20us PULSE WAVEFORM
80
10
20
40
50
60
80
90
70
PEAK VALUE I
@8us
RSM
t
r
PULSE WIDTH(t )IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8us
P
t
P
I
RSM
2
@20us
HALF VALUE =
FIG.3- TERMINALS CHARACTERISTICS
REVERSE VOLTAGE(V)
f=1MHz
TA=25 C
O
0
5
10
15
20
02
4
812
Mounting on glass epoxy PCBs
10
6
10
15
20
30
25
0
5
0
FIG.2- CLAMPING VOLTAGE VS.
PEAK PULSE CURRENT
PEAK PULSE CURRENT (A)
1
2
8/20us waveform
3
4
7
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121886
F
2012/04/13
2015/12/11


Similar Part No. - ESD9FN12C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ESD9FN12-A0 FORMOSA-ESD9FN12-A0 Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor For ESD Protection
More results

Similar Description - ESD9FN12C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ESD5FN24 FORMOSA-ESD5FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN3.3C FORMOSA-ESD9FN3.3C Datasheet
59Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN5.0 FORMOSA-ESD5FN5.0 Datasheet
56Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN12C FORMOSA-ESD5FN12C Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN3.3 FORMOSA-ESD9FN3.3 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN5.0C FORMOSA-ESD9FN5.0C Datasheet
58Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN12 FORMOSA-ESD5FN12 Datasheet
71Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN3.3 FORMOSA-ESD5FN3.3 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN24C FORMOSA-ESD5FN24C Datasheet
59Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN3.3C FORMOSA-ESD5FN3.3C Datasheet
59Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com