Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU1002 Datasheet(PDF) 5 Page - Formosa MS

Part # KBU1002
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

KBU1002 Datasheet(HTML) 5 Page - Formosa MS

  KBU1002 Datasheet HTML 1Page - Formosa MS KBU1002 Datasheet HTML 2Page - Formosa MS KBU1002 Datasheet HTML 3Page - Formosa MS KBU1002 Datasheet HTML 4Page - Formosa MS KBU1002 Datasheet HTML 5Page - Formosa MS KBU1002 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
Bridge Rectifier
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
KBU10005 THRU KBU1010
Document ID
Issued Date
Revised Date
Revision
Page.
DS-242151
2009/08/10
2010/03/10
B
6
Suggested thermal profiles for soldering processes
1.Lead free temperature profile wave-soldering
0
20
40
60
80
100 120 140 160 180 200 220 240
Time(Sec)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Preheat
Max gradient 2ºC/s
Peak
Max well
time 5 Max
Cool Down
Max gradient-4ºC/s
Suggested gradient 2ºC/s or
less
-
Peak soldering temperature not
to exceed 260ºC


Similar Part No. - KBU1002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU1002 WTE-KBU1002 Datasheet
42Kb / 3P
   10A BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBU1002 TSC-KBU1002 Datasheet
495Kb / 2P
   Single Phase 10.0 AMPS. Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBU1002 JUXING-KBU1002 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU1002 JGD-KBU1002 Datasheet
134Kb / 2P
   SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Kwang Myoung I.S. CO.,L...
KBU1002 KISEMICONDUCTOR-KBU1002 Datasheet
69Kb / 2P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - KBU1002

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com